전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2KBP02M 데이터시트(PDF) 1 Page - General Semiconductor

부품명 2KBP02M
상세설명  GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GE [General Semiconductor]
홈페이지  http://www.vishay.com
Logo GE - General Semiconductor

2KBP02M 데이터시트(HTML) 1 Page - General Semiconductor

  2KBP02M Datasheet HTML 1Page - General Semiconductor 2KBP02M Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4/98
2KBP005M THRU 2KBP10M SERIES
3N253 THRU 3N259
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current - 2.0 Amperes
FEATURES
♦ Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
♦ This series is UL listed under the Recognized Component
Index, file number E54214
♦ Glass passivated chip junctions
♦ Typical IR less than 0.1µA
♦ High case dielectric strength
♦ Ideal for printed circuit boards
♦ High temperature soldering guaranteed:
260°C/10 seconds at 5 lbs. (2.3kg) tension
MECHANICAL DATA
Case: Molded plastic body over passivated junctions
Terminals: Plated leads solderable per MIL-STD-750,
Method 2026
Mounting Position: Any
Weight: 0.06 ounce, 1.7 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
2KBP
2KBP
2KBP
2KBP
2KBP
2KBP
2KBP
005M
01M
02M
04M
06M
08M
10M
SYMBOLS
3N253
3N254
3N255
3N256
3N257
3N258
3N259
UNITS
* Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
Volts
* Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
Volts
* Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
Volts
* Maximum average forward output rectified current
at TA=55°C
I(AV)
2.0
Amps
* Peak forward surge current single half sine-wave
superimposed on rated load (JEDEC Method) TJ=150°C
IFSM
60.0
Amps
Rating for fusing (t < 8.3ms)
I2t
15.0
A
2sec
* Maximum instantaneous forward voltage drop
per leg at 3.14A
VF
1.1
Volts
* Maximum DC reverse current
TA=25°C
5.0
at rated DC blocking voltage per leg
TA=125°C
IR
500.0
µA
Typical junction capacitance per leg (NOTE 1)
CJ
25.0
pF
Typical thermal resistance per leg (NOTE 2)
R
ΘJA
30.0
°C/W
R
ΘJL
11.0
* Operating junction and storage temperature range
TJ, TSTG
-55 to +165
°C
NOTES:
(1) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts
(2) Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with 0.47 x 0.47” (12 x 12mm) copper pads
* JEDEC registered values
Case Style KBPM
0.125 x 45
o
(3.2)
0.600 (15.24)
0.560 (14.22)
0.034 (8.6)
0.028 (7.6)
0.105 (2.67)
0.085 (2.16)
0.160 (4.1)
0.140 (3.6)
0.060
(1.52)
Polarity shown on front side of case: positive lead by beveled corner
0.460 (11.68)
0.420 (10.67)
0.500 (12.70)
0.460 (11.68)
60
(15.2)
MIN.
0.50
(12.7)
MIN.
DIA.
0.200 (5.08)
0.180 (4.57)
Dimensions in inches and (millimeters)


유사한 부품 번호 - 2KBP02M

제조업체부품명데이터시트상세설명
logo
Transys Electronics
2KBP02M TRSYS-2KBP02M Datasheet
145Kb / 2P
IN-LINE GLASS PASSIVATED SINGLE PHASE RECTIFIER BRIDGE
logo
Won-Top Electronics
2KBP02M WTE-2KBP02M Datasheet
37Kb / 3P
2.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Vishay Siliconix
2KBP02M VISHAY-2KBP02M Datasheet
174Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
08-Jul-05
logo
Fairchild Semiconductor
2KBP02M FAIRCHILD-2KBP02M Datasheet
42Kb / 3P
Bridge Rectifiers
logo
Won-Top Electronics
2KBP02M WTE-2KBP02M Datasheet
64Kb / 4P
2.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results

유사한 설명 - 2KBP02M

제조업체부품명데이터시트상세설명
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
W005 CHENYI-W005 Datasheet
140Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
W005M CHENYI-W005M Datasheet
144Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
2W005G GE-2W005G Datasheet
123Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBU4A GE-GBU4A Datasheet
88Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
3KBP005M VISHAY-3KBP005M Datasheet
93Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com