| 전자부품 데이터시트 검색엔진 |
|
7405 데이터시트(PDF) 21 Page - C&K Components |
|
|
|||||||||||||||||||||||||||||
7405 데이터시트(HTML) 21 Page - C&K Components |
|
21 / 22 page ![]() 7000 Series Miniature Rocker & Lever Handle Switches AVAILABLE HARDWARE .495 – .505 (12,57 – 12,83) .797 – .803 (20,24 – 20,40) .005 R. MAX. (0,13) TYP. .495 – .505 (12,57 – 12,83) .595 – .605 (15,11 – 15,37) .005 R. (0,13) MAX. TYP. .495 – .505 (12,57 – 12,83) .620 – .625 (15,75 – 15,88) .005 R. (0,13) MAX. TYP. PANEL MOUNTING For part numbers 4529xxxxx, 4527xxxxx, 4528xxxxx, 4526xxxxx For part numbers 4325xxxxx, 4326xxxxx For part numbers 4327xxxxx, 4328xxxxx TYPICAL APPLICATION J1 & J2 Actuators J50, J60 & J90 Actuators .125” (3,18) PANEL THK. PART NO. 452602263 BLACK .047” (1,19) PANEL THK. PART NO. 452902263 .062” (1,57) PANEL THK. PART NO. 452702263 .090” (2,29) PANEL THK. PART NO. 452802263 .125” (3,18) PANEL THK. PART NO. 432802263 BLACK .047” (1,19) PANEL THK. PART NO. 432502263 .062” (1,57) PANEL THK. PART NO. 432602263 .090” (2,29) PANEL THK. PART NO. 432702263 Frames snap into panel opening and are independent from switch mounting. Accurate positioning of the PC mounted switch relative to the panel opening is necessary to provide proper clearance between actuator and frame. Available in two basic styles and four panel thicknesses .047-.125 in. Material: Nylon. Finish: Matte. G–24 Dimensions are shown: Inches (mm) Specifications and dimensions subject to change www.ck-components.com G |