| 전자부품 데이터시트 검색엔진 |
|
SVR007B 데이터시트(PDF) 1 Page - Solid States Devices, Inc |
|
|
|||||||||||||||||||||||||||||
SVR007B 데이터시트(HTML) 1 Page - Solid States Devices, Inc |
|
1 / 2 page ![]() NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release. DATA SHEET #: SVR007B DOC Solid State Devices, Inc. 14701 Firestone Blvd * La Mirada, Ca 90638 Phone: (562) 404-4474 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com DESIGNER’S DATA SHEET Part Number / Ordering Information 1/ SVR1083 __ __ │ │ │ │ │ │ │ └ Screening 2/ __ = Not Screened H = MIL-PRF-38534 class H K = MIL-PRF-38534 class K Q = 6/ │ └ Package 3/ J = TO-257 M = TO-254 N = TO-258 S.5 = SMD.5 SVR1083 SERIES 35 Volt Low Dropout Positive Adjustable Linear Voltage Regulator Features: • Eutectic Die Attach • Fast Switching • Hermetically Sealed Power Package • 150 ºC Operating Temperature • Custom Lead Forming Available • Ceramic Seal Package Available • Class H or K Screening Available i.a.w. MIL- PRF-38534 • LT1083 performance in high reliability applications Maximum Ratings 4/ Symbol Value Units Power Dissipation PD Internally Limited --- Input-Output Voltage Differential ΔV 35 V Output Current IO 7.5 A Maximum Operating Junction Temperature TJmax +150 ºC Storage Temperature TSTG -65 to +150 ºC TO-257 (J) TO-254 (M) TO-258 (N) SMD.5 (S.5) PIN ASSIGNMENT FUNCTION PIN 1 PIN 2 PIN 3 Voltage Regulator Adjust Output Input |
유사한 부품 번호 - SVR007B |
|
유사한 설명 - SVR007B |