전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLV2544CPWRG4 데이터시트(PDF) 32 Page - Texas Instruments

부품명 TLV2544CPWRG4
상세설명  Maximum Throughput 200-KSPS Built-In Reference, Conversion Clock and 8횞 FIFO
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2544CPWRG4 데이터시트(HTML) 32 Page - Texas Instruments

Back Button TLV2544CPWRG4 Datasheet HTML 28Page - Texas Instruments TLV2544CPWRG4 Datasheet HTML 29Page - Texas Instruments TLV2544CPWRG4 Datasheet HTML 30Page - Texas Instruments TLV2544CPWRG4 Datasheet HTML 31Page - Texas Instruments TLV2544CPWRG4 Datasheet HTML 32Page - Texas Instruments TLV2544CPWRG4 Datasheet HTML 33Page - Texas Instruments TLV2544CPWRG4 Datasheet HTML 34Page - Texas Instruments TLV2544CPWRG4 Datasheet HTML 35Page - Texas Instruments TLV2544CPWRG4 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
TLV2544, TLV2548
2.7V TO 5.5V, 12BIT, 200KSPS, 4/8CHANNEL, LOW POWER
SERIAL ANALOGTODIGITAL CONVERTERS WITH AUTOPOWERDOWN
SLAS198E − FEBRUARY 1999 − REVISED JUNE 2003
32
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 33
−71
−70.50
−70
−69.50
−69
−68.50
−68
−67.50
−67
0
50
100
150
f − Frequency − kHz
SIGNAL-TO-NOISE + DISTORTION
vs
INPUT FREQUENCY
VCC = 5 V,
External Reference = 4 V,
Internal Oscillator,
Single Shot, Long Sample,
Mode 00
µP Mode
Figure 34
10.80
10.90
11
11.10
11.20
11.30
11.40
11.50
0
50
100
150
f − Frequency − kHz
EFFECTIVE NUMBER OF BITS
vs
INPUT FREQUENCY
VCC = 5 V,
External Reference = 4 V,
Internal Oscillator,
Single Shot, Long Sample,
Mode 00
µP Mode
Figure 35
−79
−78
−77
−76
−75
−74
−73
−72
−71
−70
−69
0
50
100
150
TOTAL HARMONIC DISTORTION
vs
INPUT FREQUENCY
f − Frequency − kHz
VCC = 5 V,
External Reference = 4 V,
Internal Oscillator,
Single Shot, Long Sample,
Mode 00
µP Mode
Figure 36
−82
−81
−80
−79
−78
−77
−76
−75
−74
−73
0
50
100
150
f − Frequency − kHz
SPURIOUS FREE DYNAMIC RANGE
vs
INPUT FREQUENCY
VCC = 5 V,
External Reference = 4 V,
Internal Oscillator,
Single Shot, Long Sample,
Mode 00
µP Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com