전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MT511 데이터시트(PDF) 1 Page - Marktech Corporate

부품명 MT511
상세설명  High Output Power
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MARKTECH [Marktech Corporate]
홈페이지  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MT511 데이터시트(HTML) 1 Page - Marktech Corporate

  MT511 Datasheet HTML 1Page - Marktech Corporate MT511 Datasheet HTML 2Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.marktechopto.com
800.984.5337
MT511-UR
Visible
Emitter
Features:
High Output Power
Wide Beam Angle
Applications:
Fiber Optic Sensor
Optical Sensor
Bar-Code Reader
Edge Sensing (Coin Dispenser)
Absolute Maximum Ratings (Ta=25ºC)
Items
Symbol
Ratings
Unit
Forward Current (DC)
IF
50
mA
Forward Current (Pulse)*1
IFP
0.5
A
Reverse Voltage
VR
5
V
Power Dissipation
PD
120
mW
Operating Temperature
Topr
-20 ~ +80
ºC
Storage Temperature
Tstg
-30 ~ +100
ºC
Junction Temperature
Tj
100
ºC
Lead Soldering Temp*2
Tsol
260
ºC
*1: Tw=10μS, T=10mS
*2: Time 5 Sec max, Position: Up to 3mm from the body.
① Anode
② Cathode
Dimensions (Unit:mm)


유사한 부품 번호 - MT511

제조업체부품명데이터시트상세설명
logo
Marktech Corporate
MT511-UR MARKTECH-MT511-UR Datasheet
61Kb / 2P
5mm Flat Top Ultra Bright Emitter
MT511-UR MARKTECH-MT511-UR Datasheet
93Kb / 2P
Visible Light Emitting Diode
MT511-UR MARKTECH-MT511-UR_2 Datasheet
93Kb / 2P
Visible Light Emitting Diode
MT511A-UR2 MARKTECH-MT511A-UR2 Datasheet
104Kb / 2P
5mm Flat Top Ultra Bright Emitter
MT511 MARKTECH-MT511_15 Datasheet
92Kb / 2P
Visible Emitter
More results

유사한 설명 - MT511

제조업체부품명데이터시트상세설명
logo
Marktech Corporate
MTE7710N1 MARKTECH-MTE7710N1 Datasheet
123Kb / 2P
High Output Power
MTE9087NJ MARKTECH-MTE9087NJ Datasheet
124Kb / 2P
High Output Power
MTPS3085P MARKTECH-MTPS3085P Datasheet
173Kb / 1P
High Output Power
logo
Analog Devices
AD8016AREZ AD-AD8016AREZ Datasheet
673Kb / 21P
Low Power, High Output
REV. C
logo
IK Semicon Co., Ltd
ILA1519B IKSEMICON-ILA1519B Datasheet
356Kb / 9P
High output power
logo
KODENSHI_AUK CORP.
HPI215 KODENSHI-HPI215 Datasheet
135Kb / 2P
High-output power
logo
Marktech Corporate
MTSM365UV-D3120 MARKTECH-MTSM365UV-D3120 Datasheet
3Mb / 9P
Super high power output
MTSM365UV-F5110 MARKTECH-MTSM365UV-F5110 Datasheet
3Mb / 9P
Super high power output
MTSM395UV4-F10116 MARKTECH-MTSM395UV4-F10116 Datasheet
3Mb / 8P
Super high power output
MTSM395UV-D5120 MARKTECH-MTSM395UV-D5120 Datasheet
2Mb / 9P
Super high power output
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com