전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS5055A 데이터시트(PDF) 14 Page - ams AG

부품명 AS5055A
상세설명  Low Power 12-Bit Magnetic Position Sensor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS5055A 데이터시트(HTML) 14 Page - ams AG

Back Button AS5055A Datasheet HTML 10Page - ams AG AS5055A Datasheet HTML 11Page - ams AG AS5055A Datasheet HTML 12Page - ams AG AS5055A Datasheet HTML 13Page - ams AG AS5055A Datasheet HTML 14Page - ams AG AS5055A Datasheet HTML 15Page - ams AG AS5055A Datasheet HTML 16Page - ams AG AS5055A Datasheet HTML 17Page - ams AG AS5055A Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
Page 14
ams Datasheet
Document Feedback
[v2-03] 2014-Jul-31
AS5055A − SPI Inter face
SPI Transaction
An SPI transaction consists of a 16-bit command frame followed
by a 16-bit data frame. Figure 15 shows the structure of the
command frame.
SPI Command Frame
Figure 15:
SPI Command Frame
To increase the reliability of communication over the SPI, an
even parity bit (PAR) must be generated and sent. A wrong
setting of the parity bit causes the PARITY bit in the error status
register of the AS5055A to be set. The parity bit is calculated
from the upper 15-bits of the command frame. The 16-bit
command specifies the address and whether the transaction is
a read or a write.
Bit
15
14
13
12
11
10
9
8
765432
1
0
R/W
Address 14:1
PAR
Bit
Name
Description
15
R/W
0=Write, 1=Read
14:1
Address
14 bit address to read or write
0
PAR
Parity bit (even) calculated on the upper 15 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31