전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS5147 데이터시트(PDF) 2 Page - ams AG

부품명 AS5147
상세설명  14-Bit On-Axis Magnetic Rotary Position Sensor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS5147 데이터시트(HTML) 2 Page - ams AG

  AS5147 Datasheet HTML 1Page - ams AG AS5147 Datasheet HTML 2Page - ams AG AS5147 Datasheet HTML 3Page - ams AG AS5147 Datasheet HTML 4Page - ams AG AS5147 Datasheet HTML 5Page - ams AG AS5147 Datasheet HTML 6Page - ams AG AS5147 Datasheet HTML 7Page - ams AG AS5147 Datasheet HTML 8Page - ams AG AS5147 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
AS5147 – 2
ams Datasheet: 2014-Jun-27 [v1-04]
G e n e ral D e sc rip t ion
Applications
The AS5147 has been designed to support BLDC motor
commutation for the most challenging automotive
applications (AEC-Q100 grade 0 automotive qualified) such as
electric power steering (EPS), transmission (gearbox, actuator),
pump, brake (actuator) and starter & alternator.
Block Diagram
The functional blocks of this device for reference are
shown below:
Figure 2:
AS5147 Block Diagram
No programmer needed (via SPI command)
Zero position, configuration programmable
Supports safety challenging applications
Self-Diagnostics
Lower system costs (no shielding)
Immune to external stray field
Benefits
Features
VDD3V3
A/D
Volatile Memory
SPI
LDO
AS5147
VDD
GND
CSn
MOSI
SCL
MISO
I/PWM
A
B
W / PWM
U
V
Analog
Front-End
UWV
ATAN
(CORDIC)
AGC
OTP
INTERPOLATOR
Hall
Sensors
PWM Decoder
Selectable
on I or W
ABI
Dynamic Angle
Error
Compensation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35