전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS5247 데이터시트(PDF) 28 Page - ams AG

부품명 AS5247
상세설명  14-bit Dual-die On-Axis Magnetic Rotary Position Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS5247 데이터시트(HTML) 28 Page - ams AG

Back Button AS5247 Datasheet HTML 24Page - ams AG AS5247 Datasheet HTML 25Page - ams AG AS5247 Datasheet HTML 26Page - ams AG AS5247 Datasheet HTML 27Page - ams AG AS5247 Datasheet HTML 28Page - ams AG AS5247 Datasheet HTML 29Page - ams AG AS5247 Datasheet HTML 30Page - ams AG AS5247 Datasheet HTML 31Page - ams AG AS5247 Datasheet HTML 32Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
AS5247 – 28
ams Datasheet: 2014-Jun-20 [v1-02]
P a ck age Dra w ings & Mark ings
The axis of the magnet must be aligned over the center of the
package.
Figure 38:
Package Outline Drawing
Note(s) and/or Footnote(s):
Package Drawings & Markings
Symbol
Min
Nom
Max
A
0.80
0.90
1.00
A1
0
0.01
0.05
A2
-
0.65
1.00
A3
0.20 REF
L
0.30
0.40
0.50
L1
0.05
0.15
0.25
L2
0.05
0.10
0.15
Θ10º
-
14º
b
0.20
0.25
0.30
b1
0.10
0.15
0.20
D7.00 BSC
E7.00 BSC
Symbol
Min
Nom
Max
e0.50 BSC
D1
6.75 BSC
E1
6.75 BSC
D2
4.20
4.30
4.40
E2
4.20
4.30
4.40
aaa
-
0.15
-
bbb
-
0.10
-
ccc
-
0.10
-
ddd
-
0.05
-
eee
-
0.08
-
fff
-
0.10
-
N40
Green
RoHS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37