전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS5600 데이터시트(PDF) 29 Page - ams AG

부품명 AS5600
상세설명  12-bit Programmable Contactless Potentiometer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS5600 데이터시트(HTML) 29 Page - ams AG

Back Button AS5600 Datasheet HTML 25Page - ams AG AS5600 Datasheet HTML 26Page - ams AG AS5600 Datasheet HTML 27Page - ams AG AS5600 Datasheet HTML 28Page - ams AG AS5600 Datasheet HTML 29Page - ams AG AS5600 Datasheet HTML 30Page - ams AG AS5600 Datasheet HTML 31Page - ams AG AS5600 Datasheet HTML 32Page - ams AG AS5600 Datasheet HTML 33Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
ams Datasheet
Page 29
[v1-00] 2014-Aug-11
Document Feedback
AS5600 − Detailed Description
Figure 33:
Fast Filter Threshold
Figure 34:
Step Response (fast filter on)
Direction (clockwise vs. counterclockwise)
The AS5600 allows controlling the direction of the magnet
rotation with the DIR pin. If DIR is connected to GND (DIR = 0)
a clockwise rotation viewed from the top will generate an
FTH
Fast Filter Threshold (LSB)
Slow-to-fast filter
Fast-to-slow filter
000
Slow filter only
001
6
1
010
7
1
011
9
1
100
18
2
101
21
2
110
24
2
111
10
4
Input
Sampling
Frequency
Settling Time
according slow filter setting
Noise
Fast Filter
Noise
slow filter
Output
response
Fast filter step response
Threshold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42