전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STC3105IQT 데이터시트(PDF) 13 Page - STMicroelectronics

부품명 STC3105IQT
상세설명  Battery monitor IC with alarm output for gas gauge applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC3105IQT 데이터시트(HTML) 13 Page - STMicroelectronics

Back Button STC3105IQT Datasheet HTML 9Page - STMicroelectronics STC3105IQT Datasheet HTML 10Page - STMicroelectronics STC3105IQT Datasheet HTML 11Page - STMicroelectronics STC3105IQT Datasheet HTML 12Page - STMicroelectronics STC3105IQT Datasheet HTML 13Page - STMicroelectronics STC3105IQT Datasheet HTML 14Page - STMicroelectronics STC3105IQT Datasheet HTML 15Page - STMicroelectronics STC3105IQT Datasheet HTML 16Page - STMicroelectronics STC3105IQT Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
STC3105
Functional description
Doc ID 022198 Rev 1
13/23
6.7
Timing diagram in run mode
Figures
6 and 7 describe the timing diagrams of the STC3105. It is assumed that the gas
gauge has been reset with GG_RST before GG_RUN=1.
Figure 6.
Timing diagram in active run mode
Figure 7.
Timing diagram in power-saving run mode
The voltage is measured first after GG_RUN bit is set to 1. The charge accumulator is
updated every 500 ms using the last current value. The measurement cycles can be
interrupted by setting GG_RUN=0 and the current conversion cycle is aborted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23