전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STX13004 데이터시트(PDF) 8 Page - STMicroelectronics

부품명 STX13004
상세설명  High voltage fast-switching NPN power transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STX13004 데이터시트(HTML) 8 Page - STMicroelectronics

Back Button STX13004 Datasheet HTML 3Page - STMicroelectronics STX13004 Datasheet HTML 4Page - STMicroelectronics STX13004 Datasheet HTML 5Page - STMicroelectronics STX13004 Datasheet HTML 6Page - STMicroelectronics STX13004 Datasheet HTML 7Page - STMicroelectronics STX13004 Datasheet HTML 8Page - STMicroelectronics STX13004 Datasheet HTML 9Page - STMicroelectronics STX13004 Datasheet HTML 10Page - STMicroelectronics STX13004 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Package mechanical data
STX13004
8/11
Doc ID 15543 Rev 3
DIM.
mm.
MIN.
TYP
MAX.
A4.32
4.95
b
0.36
0.51
D
4.45
4.95
E
3.30
3.94
e
2.41
2.67
e1
1.14
1.40
L
12.70
15.49
R
2.16
2.41
S1
0.92
1.52
W
0.41
0.56
V5o
TO-92 bulk shipment mechanical data
0102782 D
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11