전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KBP2005G-G 데이터시트(PDF) 2 Page - Comchip Technology

부품명 KBP2005G-G
상세설명  Glass Passivated Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COMCHIP [Comchip Technology]
홈페이지  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

KBP2005G-G 데이터시트(HTML) 2 Page - Comchip Technology

  KBP2005G-G Datasheet HTML 1Page - Comchip Technology KBP2005G-G Datasheet HTML 2Page - Comchip Technology KBP2005G-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Rating and Characteristics Curves (KBP2005G-G Thru. KBP210G-G)
Glass Passivated Bridge Rectifiers
Page 2
REV:B
QW-BBR83
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
0
50
100
150
0.0
0.5
1.5
2.0
Ambient Temperature, (°C )
1.0
Fig.2 - Maximum Forward Surge
1
10
100
Number Of Cycle At 60Hz
0
20
50
Current
10
30
40
Fig.4 - Typical Reverse Characteristics
0
40
80
100
140
0.01
Percent of Rated Peak Reverse Voltage,(V)
0.1
1.0
10.0
120
60
20
Fig.3 - Typical Forward Characteristics
Instantaneous Forward Voltage , (V)
0
1.0
10
20
0.1
0.01
0.2
1.2
1.4
0.4
1.0
TJ=25°C
Fig.1 - Derating Curve Output
Current
Rectified
2.5
3.0
TJ=25°C
0.6
0.8
60



Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com