전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TIP130 데이터시트(PDF) 2 Page - Savantic, Inc.

부품명 TIP130
상세설명  Silicon NPN Darlington Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAVANTIC [Savantic, Inc.]
홈페이지  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

TIP130 데이터시트(HTML) 2 Page - Savantic, Inc.

  TIP130 Datasheet HTML 1Page - Savantic, Inc. TIP130 Datasheet HTML 2Page - Savantic, Inc. TIP130 Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon NPN Darlington Power Transistors
TIP130/131/132
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
TIP130
60
TIP131
80
VCEO(SUS)
Collector-emitter
sustaining voltage
TIP132
IC=30mA, IB=0
100
V
VCE(sat)-1
Collector-emitter saturation voltage
IC=4A ,IB=16mA
2.0
V
VCE(sat)-2
Collector-emitter saturation voltage
IC=6A ,IB=30mA
3.0
V
VBE
Base-emitter on voltage
IC=4A ; VCE=4V
2.5
V
TIP130
VCB=60V, IE=0
TIP131
VCB=80V, IE=0
ICBO
Collector cut-off current
TIP132
VCB=100V, IE=0
0.2
mA
TIP130
VCE=30V, IB=0
TIP131
VCE=40V, IB=0
ICEO
Collector cut-off current
TIP132
VCE=50V, IB=0
0.5
mA
IEBO
Emitter cut-off current
VEB=5V; IC=0
5.0
mA
hFE-1
DC current gain
IC=1A ; VCE=4V
500
hFE-2
DC current gain
IC=4A ; VCE=4V
1000
15000
COB
Output capacitance
IE=0 ; VCB=10V,f=0.1MHz
250
pF



Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com