전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PV2000FC 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 PV2000FC
상세설명  PowerVerter짰 Plus 2000W Industrial-Strength Inverter with 2 Outlets
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

PV2000FC 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  PV2000FC Datasheet HTML 1Page - List of Unclassifed Manufacturers PV2000FC Datasheet HTML 2Page - List of Unclassifed Manufacturers PV2000FC Datasheet HTML 3Page - List of Unclassifed Manufacturers PV2000FC Datasheet HTML 4Page - List of Unclassifed Manufacturers PV2000FC Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PowerVerter® Plus 2000W Industrial-Strength
Inverter with 2 Outlets
MODEL NUMBER: PV2000FC
Description
Utilize your vehicle's battery to efficiently power office equipment on the road or power tools at a work site.
Continuously supplies up to 2000W of 120V AC power to 2 AC outlets from any 12V battery or automotive DC
source. Frequency control locks AC output at 60Hz for operating stability of motor loads. Includes a set of
high-current DC input terminals for simple, permanent installation. Highly reliable large transformer design
specializes in powering motors and other inductive loads with high-current startup needs. Built-in RJ45 port
allows connection of APS/PowerVerter Remote Switch (APSRM4)
OPTIONAL FEATURES: Optional load sense function enables automatic inverter shutoff and startup as
connected equipment is powered off and on. Front panel load sense potentiometer can be set to shut off or turn
on inverter power in response to loads of any level. Ignition Switch Control Jack connects inverter to vehicle
ignition system to automatically control inverter. Inverter ON/OFF Relay Jack connects to a user-supplied on/off
indicator for remote visual status of the operation of the inverter.
NOTE: To protect against high current draw that may occur during inverter failure, a fuse link rated at 400a should be positioned no more than 18" from the
PV2000FC's battery in the positive line.
Features
Allows users to run large, motorized AC appliances from any 12V battery or automotive DC system
Converts 12V DC battery power to 120V AC power
2000W continuous output power
Peak surge output: OverPower (up to 1 hour) 3000W, Double-Boost (up to 10 seconds) 4000W
2 x NEMA 5-15/20R outlets; DC input terminals for 12V battery connection
Frequency control for operating stability
High-efficiency operation conserves batteries to prolong runtime
Diagnostic LEDs indicate load level (high, medium, and low) and battery charge (high, medium, and low)
DC fusing protects inverter against overload
High-impact polycarbonate housing
Highlights
Designed for heavy duty and
motor loads
12V DC input; 120V AC output; 2
outlets
2000W continuous output
Peak surge output: OverPower
(up to 1 hour)—3000W,
Double-Boost (up to 10
seconds)—4000W
High-efficiency power conversion
Automatic overload protection
Applications
Ideal for industrial power tools,
window air conditioners, electric
motors, pumps, desktop
computers, laptops, portable
electronics, battery chargers for
cell phones and games,
large-screen TV/DVD/stereo
systems, camcorders, lighting
and other AC applications under
2000W continuous/ 4000W peak.
Package Includes
PV2000FC Inverter
Instruction manual
1 / 4


유사한 부품 번호 - PV2000FC

제조업체부품명데이터시트상세설명
logo
MORNSUN Science& Techno...
PV200-27B12 MORNSUN-PV200-27B12 Datasheet
1Mb / 5P
New energy over wide and over high input voltage isolation converter
PV200-27B15 MORNSUN-PV200-27B15 Datasheet
1Mb / 5P
New energy over wide and over high input voltage isolation converter
PV200-27B24 MORNSUN-PV200-27B24 Datasheet
1Mb / 5P
New energy over wide and over high input voltage isolation converter
PV200-27B26 MORNSUN-PV200-27B26 Datasheet
1Mb / 5P
New energy over wide and over high input voltage isolation converter
PV200-27B48 MORNSUN-PV200-27B48 Datasheet
1Mb / 5P
New energy over wide and over high input voltage isolation converter
More results

유사한 설명 - PV2000FC

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
APS750 ETC2-APS750_14 Datasheet
533Kb / 6P
PowerVerter짰 APS 750W Inverter/Charger with Auto-Transfer Switching and 2 Outlets
APS1250 ETC2-APS1250 Datasheet
529Kb / 6P
PowerVerter짰 APS 1250W Inverter/Charger with Auto-Transfer Switching and 2 Outlets
PV375 ETC2-PV375 Datasheet
540Kb / 4P
PowerVerter짰 375W Ultra-Compact Inverter with 2 Outlets
PV700HF ETC2-PV700HF Datasheet
515Kb / 4P
PowerVerter짰 700W Ultra-Compact Inverter with 3 Outlets
PV1000HF ETC2-PV1000HF Datasheet
532Kb / 4P
PowerVerter짰 1000W Compact Inverter with 4 Outlets
PV1250FC ETC2-PV1250FC Datasheet
501Kb / 4P
PowerVerter짰 Plus 1250W Industrial-Strength Inverter with 2 Outlets
PV1800HF ETC2-PV1800HF Datasheet
519Kb / 4P
PowerVerter짰 1800W Compact Inverter with 4 Outlets
PV2400FC ETC2-PV2400FC Datasheet
518Kb / 4P
PowerVerter짰 Plus 2400W Industrial-Strength Inverter with 2 Outlets
PV3000HF ETC2-PV3000HF Datasheet
515Kb / 5P
PowerVerter짰 3000W Compact Inverter with 4 Outlets
UT1250UL ETC2-UT1250UL Datasheet
539Kb / 6P
PowerVerter짰 1250W Utility/Work Truck Inverter/Charger with 2 Outlets
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com