전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6564T 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 L6564T
상세설명  10-pin transition-mode PFC controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6564T 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button L6564T Datasheet HTML 3Page - STMicroelectronics L6564T Datasheet HTML 4Page - STMicroelectronics L6564T Datasheet HTML 5Page - STMicroelectronics L6564T Datasheet HTML 6Page - STMicroelectronics L6564T Datasheet HTML 7Page - STMicroelectronics L6564T Datasheet HTML 8Page - STMicroelectronics L6564T Datasheet HTML 9Page - STMicroelectronics L6564T Datasheet HTML 10Page - STMicroelectronics L6564T Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
L6564T
Pin connection
Doc ID 022671 Rev 1
7/33
3
Pin connection
Figure 2.
Pin connection
Table 3.
Pin description
n°
Name
Function
1INV
Inverting input of the error amplifier. The information on the output voltage of the PFC pre-
regulator is fed into the pin through a resistor divider.
The pin normally features high impedance.
2COMP
Output of the error amplifier. A compensation network is placed between this pin and INV (pin
1) to achieve stability of the voltage control loop and ensure high power factor and low THD.
To avoid uncontrolled rise of the output voltage at zero load, when the voltage on the pin falls
below 2.4 V the gate driver output is inhibited (burst-mode operation).
3MULT
Main input to the multiplier. This pin is connected to the rectified mains voltage via a resistor
divider and provides the sinusoidal reference to the current loop. The voltage on this pin is used
also to derive the information on the RMS mains voltage.
4CS
Input to the PWM comparator. The current flowing in the MOSFET is sensed through a resistor,
the resulting voltage is applied to this pin and compared with an internal reference to determine
MOSFET’s turn-off.
A second comparison level at 1.7 V detects abnormal currents (e.g. due to boost inductor
saturation) and, on this occurrence, activates a safety procedure that temporarily stops the
converter and limits the stress of the power components.
5VFF
Second input to the multiplier for 1/V2 function. A capacitor and a parallel resistor must be
connected from the pin to GND. They complete the internal peak-holding circuit that derives the
information on the RMS mains voltage. The voltage at this pin, a DC level equal to the peak
voltage on pin MULT (3), compensates the control loop gain dependence on the mains voltage.
Never connect the pin directly to GND but with a resistor ranging from 100 K ohm (minimum) to
2 M ohm (maximum). This pin is internally connected to a comparator in order to provide the
brownout (AC mains undervoltage) protection. A voltage below 0.8 V shuts down (not latched)
the IC and brings its consumption to a considerably lower level. The IC restarts as the voltage
at the pin goes above 0.88 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com