전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MBF2-MBF10 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 MBF2-MBF10
상세설명  Schottky Surface Mount Flat Bridge Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

MBF2-MBF10 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  MBF2-MBF10 Datasheet HTML 1Page - List of Unclassifed Manufacturers MBF2-MBF10 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MBF2-MBF10
Schottky Surface Mount Flat Bridge Rectifier
Low profile package
Ideal for automated placement
Ultrafast reverse recovery time
Low power losses, high efficiency
Low forward voltage drop
High surge capability
High temperature soldering:
260℃/10 seconds at terminals
Mechanical Date
Case: MBF molded plastic body over
Schottky barrier chips
Polarity: Polarity symbols marked on body
Maximum Ratings & Thermal Characteristics & Electrical Characteristics
(TA = 25 °C unless otherwise noted)
Symbol
UNIT
VRRM
20
40
60
80
100
V
VRMS
14
28
42
56
70
V
VDC
20
40
60
80
100
V
IF(AV)
A
IFSM
A
VF
0.50
0.55
0.70
V
IR
mA
CJ
pF
RθJA
RθJL
℃/ W
TJ
℃
TSTG
℃
Note:1.Thermal resistance from junction to ambient and from junction to lead P.C.B.mounted on 0.2
×0.2"(5.0×5.0mm)copper pad areas.
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
0.2
×0.2"(5.0×5.0mm)copper pad area
1.0
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load
30
Maximum instantaneous forwad voltage at 1.0A
0.85
–55 to +125
Maximum DC reverse current
TA = 25 ℃
at Rated DC blocking voltage
TA = 100℃
0.5
20
Typical Junction Capacitance at 4.0V,1.0MHz
250
125
Storage temperature range
– 55 to +150
Typical Thermal resistance (Note1)
85
20
Operating junction temperature range
Dimensions in inches and (millimeters)
MBS
.193(4.90)
.177(4.50)
.033(0.84)
.022(0.56)
.142(3.60)
.157(4.00)
.272(6.9)
MAX
.087(2.20)
.102(2.60)
.106(2.70)
.090(2.30)
.053(1.53)
.037(0.95)
.014(0.35
.006(0.15
.008(0.20)
MAX
.114(2.9)
MAX
.028(0.70)
.043(1.10) .083(2.12)
.043(1.10)
Features
MBF2
MBF6
MBF10
MBF8
MBF4
http://www.luguang.cn
mail:lge@luguang.cn


유사한 부품 번호 - MBF2-MBF10

제조업체부품명데이터시트상세설명
logo
Shenzhen Luguang Electr...
MBF2-MBF10 LUGUANG-MBF2-MBF10 Datasheet
526Kb / 2P
Low profile package
MBF2-MBF10 LUGUANG-MBF2-MBF10 Datasheet
526Kb / 2P
Low profile package
MBF2-MBF10 LUGUANG-MBF2-MBF10 Datasheet
526Kb / 2P
Low profile package
More results

유사한 설명 - MBF2-MBF10

제조업체부품명데이터시트상세설명
logo
Guangdong Juxing Electr...
KMB22FGW JUXING-KMB22FGW Datasheet
916Kb / 2P
schottky Surface Mount Flat Bridge Rectifier
KMB22F JUXING-KMB22F Datasheet
926Kb / 2P
Schottky Surface Mount Flat Bridge Rectifier
KMB12FGW JUXING-KMB12FGW Datasheet
1Mb / 2P
Schottky Surface Mount Flat Bridge Rectifier
logo
Shenzhen Luguang Electr...
MBF10 LUGUANG-MBF10 Datasheet
526Kb / 2P
Schottky Surface Mount Flat Bridge Rectifier
logo
Microdiode Semiconducto...
KMB12F CHENDA-KMB12F Datasheet
510Kb / 2P
Schottky Surface Mount Flat Bridge Rectifier
KMB22F CHENDA-KMB22F Datasheet
522Kb / 2P
Schottky Surface Mount Flat Bridge Rectifier
MB22S CHENDA-MB22S Datasheet
683Kb / 2P
Schottky Surface Mount Flat Bridge Rectifier
logo
Nanjing International G...
KMB22F DGNJDZ-KMB22F Datasheet
88Kb / 2P
Schottky Surface Mount Flat Bridge Rectifier
logo
Microdiode Semiconducto...
KMB24F CHENDA-KMB24F_V01 Datasheet
458Kb / 2P
Schottky Surface Mount Flat Bridge Rectifier
MB24S CHENDA-MB24S_V01 Datasheet
424Kb / 2P
Schottky Surface Mount Flat Bridge Rectifier
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com