전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC123FY8J00F 데이터시트(PDF) 13 Page - Sharp Corporation

부품명 PC123FY8J00F
상세설명  DIP 4pin Reinforced Insulation Type Photocoupler
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SHARP [Sharp Corporation]
홈페이지  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC123FY8J00F 데이터시트(HTML) 13 Page - Sharp Corporation

Back Button PC123FY8J00F Datasheet HTML 8Page - Sharp Corporation PC123FY8J00F Datasheet HTML 9Page - Sharp Corporation PC123FY8J00F Datasheet HTML 10Page - Sharp Corporation PC123FY8J00F Datasheet HTML 11Page - Sharp Corporation PC123FY8J00F Datasheet HTML 12Page - Sharp Corporation PC123FY8J00F Datasheet HTML 13Page - Sharp Corporation PC123FY8J00F Datasheet HTML 14Page - Sharp Corporation PC123FY8J00F Datasheet HTML 15Page - Sharp Corporation PC123FY8J00F Datasheet HTML 16Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Sheet No.: D2-A02904EN
■ Package specification
13
12.0
6.7
15.0
6.35
520
±2
520
±2
PC123J00000F Series
● Sleeve package
1. Through-Hole
Package materials
Sleeve : HIPS (with anti-static material)
Stopper : Styrene-Elastomer
Package method
MAX. 100pcs of products shall be packaged in a sleeve. Both ends shall be closed by tabbed and tabless
stoppers.
The product shall be arranged in the sleeve with its anode mark on the tabless stopper side.
MAX. 20 sleeves in one case.
Sleeve outline dimensions
(Unit : mm)
(Unit : mm)
2. Wide Through-Hole
Package materials
Sleeve : HIPS (with anti-static material)
Stopper : Styrene-Elastomer
Package method
MAX. 100pcs of products shall be packaged in a sleeve. Both ends shall be closed by tabbed and tabless
stoppers.
The product shall be arranged in the sleeve with its anode mark on the tabless stopper side.
MAX. 20 sleeves in one case.
Sleeve outline dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com