전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L5991AD13TR 데이터시트(PDF) 21 Page - STMicroelectronics

부품명 L5991AD13TR
상세설명  PRIMARY CONTROLLER WITH STANDBY
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5991AD13TR 데이터시트(HTML) 21 Page - STMicroelectronics

Back Button L5991AD13TR Datasheet HTML 15Page - STMicroelectronics L5991AD13TR Datasheet HTML 16Page - STMicroelectronics L5991AD13TR Datasheet HTML 17Page - STMicroelectronics L5991AD13TR Datasheet HTML 18Page - STMicroelectronics L5991AD13TR Datasheet HTML 19Page - STMicroelectronics L5991AD13TR Datasheet HTML 20Page - STMicroelectronics L5991AD13TR Datasheet HTML 21Page - STMicroelectronics L5991AD13TR Datasheet HTML 22Page - STMicroelectronics L5991AD13TR Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
DIP16
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
a1
0.51
0.020
B
0.77
1.65
0.030
0.065
b
0.5
0.020
b1
0.25
0.010
D
20
0.787
E
8.5
0.335
e
2.54
0.100
e3
17.78
0.700
F
7.1
0.280
I
5.1
0.201
L
3.3
0.130
Z
1.27
0.050
OUTLINE AND
MECHANICAL DATA
L5991 - L5991A
21/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23