| 전자부품 데이터시트 검색엔진 |
|
LED-S-45-10 데이터시트(PDF) 1 Page - Leddar Technology |
|
|
|||||||||||||||||||||||||||||
LED-S-45-10 데이터시트(HTML) 1 Page - Leddar Technology |
|
1 / 2 page ![]() Main Features - Easy to integrate - 16 independent segments with simultaneous acquisition capabilities - 45-degree beam, for optimized field of view - 0 to 50 meter (165 ft.) detection - Rapid data acquisition time - 50 Hz - IP67 weather-resistant enclosure - LCD display for configuring and monitoring ongoing operations Leddar™ Technology offers the best cost/performance ratio. Leddar™ Capabilities Presence Detection Mode This IS16 Industrial Leddar™ Sensor includes Presence Detection Mode, where the PNP/NPN outputs can be set according to whether or not there are objects within the configured detection zones (two zones, one per output). With the Teach Configuration feature, the sensor can define the perimeter of its surroundings as a detection zone. In Quick Mode, a near limit and a far limit can be easily configured to quickly define zones. Alternatively, zones can also be configured manually in Advanced Mode where near and far limits can be set for each segment and unwanted segments can be deactivated. Raw Measurements Mode The IS16 Industrial Leddar™ Sensor provides the capabilities to acquire all measurements, from all segments in real time through the RS-485 link. Each measurement provides the distance of the detected object, the index of the segment it was detected in, and the intensity of the measurement (indication of how much light was reflected off the object and captured by the sensor). IS16 Industrial LeddarTM Sensor At the heart of the IS16 Industrial LeddarTM Sensor lies patented Leddar™ Technology, designed to DETECT, LOCATE and MEASURE all types of objects—either solid or liquid. The IS16 Industrial Leddar™ Sensor provides both distance and angular positioning while performing continuous analysis of the area. Specifically designed for the industrial market, this unique sensor is optimized for 0 to 50 meter (165 ft.) detection and ranging applications. Based on time-of-flight measurements using pulses from infrared LEDs, combined with 16 independent active segments, the IS16 Industrial Leddar™ Sensor provides fast, accurate and non-stop detection and ranging. The 45-degree beam, produced by diffused light pulses and processed through innovative algorithms, enables the detection of a wide range of objects under various environmental conditions. LEDDAR™ MAKES COUNTLESS APPLICATIONS A REALITY! A custom zone can be defined and unneeded segments may be disabled Presence Detection Mode Raw Measurements Mode |
유사한 부품 번호 - LED-S-45-10 |
|
유사한 설명 - LED-S-45-10 |