| 전자부품 데이터시트 검색엔진 |
|
ML22Q394 데이터시트(PDF) 13 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
ML22Q394 데이터시트(HTML) 13 Page - List of Unclassifed Manufacturers |
|
13 / 42 page ![]() FEDL22Q394-02 ML22Q394 13/42 Change Immediately Once mode and Change Immediately mode Timing (Continuous Play) tPUP1 SCL SDA OSC (internal) VOH VOL BUSYB A 6 A W A A 5 A 4 A 3 A 2 A 1 A 0 D 0 D 1 D 2 D 3 D 4 D 5 D 6 D 7 CSB tCB SPP SPM A 6 A W A A 5 A 4 A 3 A 2 A 1 A 0 D 0 D 1 D 2 D 3 D 4 D 5 D 6 D 7 tPLBF WS2(m) WS1(m) Hi-Z Hi-Z tNCM Speaker amplifier enable (internal) Status Oscillating Oscillation stable Playing Phrase (m) Command processing 定中 Awaiting command Standby Phrase (m) Phrase (n) SCL SDA OSC (internal) VOH VOL BUSYB CSB SPP VIH VIL SPM VIH VIL VIH VIL tFDO WS3(n) WS4(n) tPLAF Hi-Z Hi-Z tOSST Speaker amplifier enable (internal) Status Awaiting oscillation stop Playing Playing Phrase (n) Oscillating Standby Phrase (m) Stop Fade-out processing - The wait time of WS1, WS2, WS3, and WS4 can be set up for every phrase, when creating sound data using Speech Utility. - About this function, refer to “3. PHRASEn command” in “Description of Command Functions” |