전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ML22Q573 데이터시트(PDF) 49 Page - List of Unclassifed Manufacturers

부품명 ML22Q573
상세설명  4-Channel Mixing Speech Synthesis LSI
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

ML22Q573 데이터시트(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button ML22Q573 Datasheet HTML 45Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 46Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 47Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 48Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 49Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 50Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 51Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 52Page - List of Unclassifed Manufacturers ML22Q573 Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 69 page
background image
FEDL22Q553-02
ML22Q553
15. OUTSTAT command
command
1
1
0
0
0
BUSY/NCR
C1
C0
The OUTSTAT command is used to output the BUSYB or NCR signal on the specified channel from the
STATUS pin. It is possible to input the CLOOP command regardless of the status of the NCR signal during
playback, but a prescribed command interval needs taking.
CSB
SCK
SI
NCR
BUSYB
OUTSTAT command
CBUSYB
(internal)
(internal)
STATUS
CSB
SCK
SI
NCR
BUSYB
OUTSTAT command
CBUSYB
(internal)
(internal)
STATUS
BUSY/NCR
STATUS pin status
0
Outputs the NCR signal on the specified channel.
1
Outputs the BUSYB signal on the specified channel.
Channel settings
C1
C0
Channel
0
0
Channel 0 (initial value)
0
1
Channel 1
1
0
Channel 2
1
1
Channel 3
49/69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69