전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IR2104STR 데이터시트(PDF) 11 Page - International Rectifier

부품명 IR2104STR
상세설명  HALF-BRIDGE DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IR2104STR 데이터시트(HTML) 11 Page - International Rectifier

Back Button IR2104STR Datasheet HTML 6Page - International Rectifier IR2104STR Datasheet HTML 7Page - International Rectifier IR2104STR Datasheet HTML 8Page - International Rectifier IR2104STR Datasheet HTML 9Page - International Rectifier IR2104STR Datasheet HTML 10Page - International Rectifier IR2104STR Datasheet HTML 11Page - International Rectifier IR2104STR Datasheet HTML 12Page - International Rectifier IR2104STR Datasheet HTML 13Page - International Rectifier IR2104STR Datasheet HTML 14Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
IR2104(S)&(PbF)
www.irf.com
Figure 20A. Logic "0" Input Current
vs Temperature
Temperature (°C)
VCC Supply Voltage (V)
Figure 20B. Logic "0" Input Current
vs Voltage
0
1
2
3
4
5
10
12
14
16
18
20
Max.
0
1
2
3
4
5
-50
-25
0
25
50
75
100
125
Max.
Figure 21A. Vcc Undervoltage Threshold(+)
vs Temperature
Temperature (°C)
Figure 21B. Vcc Undervoltage Threshold(-)
vs Temperature
Figure 22A. Output Source Current
vs Temperature
Temperature (°C)
Figure 22B. Output Source Current
vs Voltage
6
7
8
9
10
11
-50
-25
0
25
50
75
100
125
Max.
Min.
Typ.
0
100
200
300
400
500
-50
-25
0
25
50
75
100
125
Typ.
Min.
6
7
8
9
10
11
-5 0
-25
0
2 5
5 0
7 5
100
125
Ma x .
Min.
Typ .
Temperature (°C)
0
100
200
300
400
500
10
12
14
16
18
20
Typ .
Min.
VBIAS Supply Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com