전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MML20211HT1 데이터시트(PDF) 11 Page - Freescale Semiconductor, Inc

부품명 MML20211HT1
상세설명  Enhancement Mode pHEMT Technology (E--pHEMT)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MML20211HT1 데이터시트(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MML20211HT1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MML20211HT1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MML20211HT1 Datasheet HTML 9Page - Freescale Semiconductor, Inc MML20211HT1 Datasheet HTML 10Page - Freescale Semiconductor, Inc MML20211HT1 Datasheet HTML 11Page - Freescale Semiconductor, Inc MML20211HT1 Datasheet HTML 12Page - Freescale Semiconductor, Inc MML20211HT1 Datasheet HTML 13Page - Freescale Semiconductor, Inc MML20211HT1 Datasheet HTML 14Page - Freescale Semiconductor, Inc MML20211HT1 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
MML20211HT1
11
RF Device Data
Freescale Semiconductor
50 OHM APPLICATION CIRCUIT: 2700 MHz
VDD
RF
OUTPUT
L2
C4
C3
Z5
Z3
Z4
C2
RF
INPUT
Figure 21. MML20211HT1 Test Circuit Schematic
BIAS
CIRCUIT
C1
C8
L1
1
2
3
8
6
4
5
C7
R2
C5
N.C.
C9
R3
7
Z1
0.150 x 0.021 Microstrip
Z2
0.044 x0.011 Microstrip
Z3
0.020 x 0.031 Microstrip
Z4
0.038 x 0.021 Microstrip
Z5
0.021 x 0.080 Microstrip
Z1
Z2
N.C.
Table 10. MML20211HT1 Test Circuit Component Designations and Values
Part
Description
Part Number
Manufacturer
C1, C5
8.2 pF Chip Capacitors
GJM1555C1H8R2CB01
Murata
C2, C3, C7
8.2 pF Chip Capacitors
GRM1555C1H8R2DA01
Murata
C4, C8
0.1 F Chip Capacitors
GRM155R61A104KA01D
Murata
C6
Component Not Placed
C9
0.8 pF Chip Capacitor
GJM1555C1HR80BB01D
Murata
L1, L2
2.2 nH Chip Inductors
0402CS--2N2
Coilcraft
R1
Component Not Placed
R2
0 , 1 A Chip Resistor
ERJ2GE0R00X
Panasonic
R3
1.5 k, 1/16 W Chip Resistor
RC0402FR--071K5L
Yageo
PCB
0.010, r = 3.38, Multilayer
IS680--3.38
Isola
Note: Component numbers C6 and R1 are labeled on board but not placed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com