전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

E10GSFPLR 데이터시트(PDF) 13 Page - Intel Corporation

부품명 E10GSFPLR
상세설명  Intel짰 Server Boards, Chassis, and Systems Catalog Intel짰 Xeon짰 Processor 3400, 3500, 5500 and 5600 Server Products
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEL [Intel Corporation]
홈페이지  http://www.intel.com
Logo INTEL - Intel Corporation

E10GSFPLR 데이터시트(HTML) 13 Page - Intel Corporation

Back Button E10GSFPLR Datasheet HTML 9Page - Intel Corporation E10GSFPLR Datasheet HTML 10Page - Intel Corporation E10GSFPLR Datasheet HTML 11Page - Intel Corporation E10GSFPLR Datasheet HTML 12Page - Intel Corporation E10GSFPLR Datasheet HTML 13Page - Intel Corporation E10GSFPLR Datasheet HTML 14Page - Intel Corporation E10GSFPLR Datasheet HTML 15Page - Intel Corporation E10GSFPLR Datasheet HTML 16Page - Intel Corporation E10GSFPLR Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
13
Configure the Ideal Solution with
Intel® I/O Expansion Modules
and Risers
Intel® I/O Expansion Modules enable
internal or external SAS, SAS RAID, Dual
or Quad Gigabit, 10 GbE and Infiniband*
interconnects to be added to selected
Intel rack products without consuming standard PCI slots. Optional risers
for 2U rack systems give the flexibility to choose between three PCI
Express* x8 (gen 2) slots, 5 PCIe x8 (gen 2) slots or PCI-X slots for legacy
applications. This configurability reduces operating and support costs by
allowing a single product to be standardized on and then deployed into a
variety of different environments.
NEW
Intel® 6Gb/s RAID Products
For Faster and More Secure 3Gb/s
and 6Gb/s Systems
Intel 6Gb/s RAID solutions provide significant read and write performance
enhancements for both 3Gb/s and 6Gb/s drive-based systems. Data security
through Self Encrypting Drive management is also available within the 6Gb/s
RAID line-up. System Builders who sell Intel servers with Intel 6Gb/s RAID
storage solutions offer their end-customer more system performance, and
higher return on their investments.
Intel® RAID Controller RS2BL080:
One of a complete portfolio of
6Gb/s SAS add-in cards.
Intel® Server Product Family



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41