전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FLP-570 데이터시트(PDF) 3 Page - SYNERGY MICROWAVE CORPORATION

부품명 FLP-570
상세설명  LOW PASS filter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SYNERGY [SYNERGY MICROWAVE CORPORATION]
홈페이지  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

FLP-570 데이터시트(HTML) 3 Page - SYNERGY MICROWAVE CORPORATION

  FLP-570 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION FLP-570 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION FLP-570 Datasheet HTML 3Page - SYNERGY MICROWAVE CORPORATION FLP-570 Datasheet HTML 4Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
201 McLean Boulevard • Paterson, New Jersey 07504 • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • World Wide Web: http://www.synergymwave.com
Copyright © Synergy Microwave Corporation
Fc = 570 MHz
CUT-OFF FREQUENCY
LOW PASS fiLter
PLug-in MODeL:
fLP-570
[ 3 of 4 ]
-60
-50
-40
-30
-20
-10
0
0
114
228
342
456
570
Frequency (MHz)
-400
-350
-300
-250
-200
-150
-100
-50
0
0
114
228
342
456
570
Frequency (MHz)



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com