| 전자부품 데이터시트 검색엔진 |
|
IXTU2N80P 데이터시트(PDF) 5 Page - IXYS Corporation |
|
|
|||||||||||||||||||||||||||||
IXTU2N80P 데이터시트(HTML) 5 Page - IXYS Corporation |
|
5 / 5 page ![]() © 2006 IXYS All rights reserved TO-251 (IXTU) Outline Dim. Millimeter Inches Min. Max. Min. Max. A 2.19 2.38 .086 .094 A1 0.89 1.14 0.35 .045 b 0.64 0.89 .025 .035 b1 0.76 1.14 .030 .045 b2 5.21 5.46 .205 .215 c 0.46 0.58 .018 .023 c1 0.46 0.58 .018 .023 D 5.97 6.22 .235 .245 E 6.35 6.73 .250 .265 e 2.28 BSC .090 BSC e1 4.57 BSC .180 BSC H 17.02 17.78 .670 .700 L 8.89 9.65 .350 .380 L1 1.91 2.28 .075 .090 L2 0.89 1.27 .035 .050 1. Gate 2. Drain 3. Source TO-252 (IXTY) Outline Dim. Millimeter Inches Min. Max. Min. Max. A 2.19 2.38 0.086 0.094 A1 0.89 1.14 0.035 0.045 A2 0 0.13 0 0.005 b 0.64 0.89 0.025 0.035 b1 0.76 1.14 0.030 0.045 b2 5.21 5.46 0.205 0.215 c 0.46 0.58 0.018 0.023 c1 0.46 0.58 0.018 0.023 D 5.97 6.22 0.235 0.245 D1 4.32 5.21 0.170 0.205 E 6.35 6.73 0.250 0.265 E1 4.32 5.21 0.170 0.205 e 2.28 BSC 0.090 BSC e1 4.57 BSC 0.180 BSC H 9.40 10.42 0.370 0.410 L 0.51 1.02 0.020 0.040 L1 0.64 1.02 0.025 0.040 L2 0.89 1.27 0.035 0.050 L3 2.54 2.92 0.100 0.115 Pins: 1 - Gate 2,4 - Drain 3 - Source IXTA2N80P IXTP2N80P IXTU2N80P IXTY2N80P |