전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STP16DPPS05MTR 데이터시트(PDF) 18 Page - STMicroelectronics

부품명 STP16DPPS05MTR
상세설명  Low voltage 16-bit constant current LED sink driver with output error detection and auto power-saving
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16DPPS05MTR 데이터시트(HTML) 18 Page - STMicroelectronics

Back Button STP16DPPS05MTR Datasheet HTML 14Page - STMicroelectronics STP16DPPS05MTR Datasheet HTML 15Page - STMicroelectronics STP16DPPS05MTR Datasheet HTML 16Page - STMicroelectronics STP16DPPS05MTR Datasheet HTML 17Page - STMicroelectronics STP16DPPS05MTR Datasheet HTML 18Page - STMicroelectronics STP16DPPS05MTR Datasheet HTML 19Page - STMicroelectronics STP16DPPS05MTR Datasheet HTML 20Page - STMicroelectronics STP16DPPS05MTR Datasheet HTML 21Page - STMicroelectronics STP16DPPS05MTR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
Error detection mode functionality
STP16DPPS05
18/35
DocID15817 Rev 3
7
Error detection mode functionality
7.1
Phase one: entering error detection mode
From the “normal mode” condition the device can switch to “error mode” by a logic
sequence on the OE/DM2 and LE/DM1 pins, as shown in the following table and diagram:
After these five CLK cycles, the device goes into “error detection mode” and at the rising
edge of the 6th CLK cycle, the SDI data are ready for sampling.
Table 13. Entering error detection mode - truth table
CLK
1°2°3°4°5°
OE/DM2
H
L
HHH
LE/DM1
LLL
H
L
Figure 18. Entering error detection mode - timing diagram
CLK
OE/DM2
LE/DM1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35