전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PSAES60 데이터시트(PDF) 7 Page - Wall Industries,Inc.

부품명 PSAES60
상세설명  AC/DC Switching Power Supplies
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WALL [Wall Industries,Inc.]
홈페이지  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSAES60 데이터시트(HTML) 7 Page - Wall Industries,Inc.

  PSAES60 Datasheet HTML 1Page - Wall Industries,Inc. PSAES60 Datasheet HTML 2Page - Wall Industries,Inc. PSAES60 Datasheet HTML 3Page - Wall Industries,Inc. PSAES60 Datasheet HTML 4Page - Wall Industries,Inc. PSAES60 Datasheet HTML 5Page - Wall Industries,Inc. PSAES60 Datasheet HTML 6Page - Wall Industries,Inc. PSAES60 Datasheet HTML 7Page - Wall Industries,Inc. PSAES60 Datasheet HTML 8Page - Wall Industries,Inc. PSAES60 Datasheet HTML 9Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Rev. C
PSAES60 Series
Up to 60Watts, Single Outputs
4 Mechanical Options Available
AC/DC Switching Power Supplies
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
8/14/2012
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 7 of 9
Enclosed Case Models (C Type): 4.13 x 2.28 x 1.5 inches
Unit: inches (mm)
ASSEMBLY INSTRUCTIONS
U Case T=2.5mm
Customer screws into the length of the case no higher than 0.5mm
(Namely screw length for load plate thickness plus 3.0 mm)
PIN CONNECTIONS
PIN
SINGLE OUTPUT
1
AC IN (N)
2
AC IN (L)
3
FG
4
+DC OUT
5
-DC OUT
Tolerance: ±0.5mm



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com