전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PSUP200 데이터시트(PDF) 4 Page - Wall Industries,Inc.

부품명 PSUP200
상세설명  AC/DC Switching Power Supplies
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WALL [Wall Industries,Inc.]
홈페이지  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSUP200 데이터시트(HTML) 4 Page - Wall Industries,Inc.

  PSUP200 Datasheet HTML 1Page - Wall Industries,Inc. PSUP200 Datasheet HTML 2Page - Wall Industries,Inc. PSUP200 Datasheet HTML 3Page - Wall Industries,Inc. PSUP200 Datasheet HTML 4Page - Wall Industries,Inc. PSUP200 Datasheet HTML 5Page - Wall Industries,Inc. PSUP200 Datasheet HTML 6Page - Wall Industries,Inc. PSUP200 Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Rev. B
PSUP200 Series
Single OutputS
Up to 201.6 Watts
AC/DC Switching Power Supplies
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
08/09/2010
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 4 of 7
BLOCK DIAGRAM
DERATING CURVE
STATIC CHARACTERISTICS
85
Ta=25°C
100
110
120
264
40
50
60
70
80
Input Voltage(Vac)60Hz Ta=25 C
°
90
100
-20
Ambient Temperature (°C) AC=230 / 115VAC
0
10203040506070
20
40
60
80
100
(HORIZONTAL)
Free Air Convection
50
-10
DC OK
+V
-V
I/P
O.T.P.
O.V.P.
PWM & PFC CONTROL
POWER
SWITCHING
O.L.P.
PFC
CIRCUIT
O.L.P.
O.L.P.
EMI FILTER
&
RECTIFIERS
RECTIFIERS
&
FILTER
DC OK
DETECTION
CIRCUIT
O.C.P.



Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com