전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSFN2316E 데이터시트(PDF) 2 Page - Silikron Semiconductor Co.,LTD.

부품명 SSFN2316E
상세설명  High Power and current handing capability
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILIKRON [Silikron Semiconductor Co.,LTD.]
홈페이지  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSFN2316E 데이터시트(HTML) 2 Page - Silikron Semiconductor Co.,LTD.

  SSFN2316E Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSFN2316E Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSFN2316E Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSFN2316E Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSFN2316E Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SSFN2316E
Zero Gate Voltage Drain Current
I
V =20V,V =0V
1
μA
DSS
DS
GS
Gate-Body Leakage Current
I
V =±8V,V =0V
±10
μA
GSS
GS
DS
ON CHARACTERISTICS (Note 3)
Gate Threshold Voltage
V
V =V
GS(th)
DS
GS,ID=250μA
0.5
1.3
V
V =4.5V, I
GS
D=4A
17
23
mΩ
V =4V, I
GS
D=4A
18
24
mΩ
VGS=3.1V, ID=4A
20
30
mΩ
Drain-Source On-State Resistance
RDS(ON)
V =2.5V, I
GS
D=2A
24
35
mΩ
Forward Transconductance
g
V =10V,I
FS
DS
D=3.5A
11
S
DYNAMIC CHARACTERISTICS (Note4)
Input Capacitance
C
900
PF
lss
Output Capacitance
Coss
350
PF
V =8V,V
DS
GS=0V,
F=1.0MHz
Reverse Transfer Capacitance
C
150
PF
rss
SWITCHING CHARACTERISTICS (Note 4)
Turn-on Delay Time
t
15
nS
d(on)
Turn-on Rise Time
t
100
nS
r
Turn-Off Delay Time
td(off)
60
nS
V =10V,I
DD
D=1A
V =4.5V,R
Turn-Off Fall Time
tf
GS
GEN=6Ω
90
nS
Total Gate Charge
Q
20
nC
g
Gate-Source Charge
Qgs
2.5
nC
V =10V,I
Gate-Drain Charge
Qgd
DS
D=7A,
=4.5V
VGS
3
nC
DRAIN-SOURCE DIODE CHARACTERISTICS
Diode Forward Voltage (Note 3)
V
V =0V,I =7A
0.83
1.2
V
SD
GS
S
NOTES:
1.
Repetitive Rating: Pulse width limited by maximum junction temperature.
2.
Surface Mounted on FR4 Board, t ≤ 10 sec.
3.
Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 2%.
4.
Guaranteed by design, not subject to production testing.
©Silikron Semiconductor CO.,LTD.
2
http://www.silikron.com
v1.0



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com