전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HIP4081AIPZ 데이터시트(PDF) 5 Page - Intersil Corporation

부품명 HIP4081AIPZ
상세설명  80V/2.5A Peak, High Frequency Full Bridge FET Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP4081AIPZ 데이터시트(HTML) 5 Page - Intersil Corporation

  HIP4081AIPZ Datasheet HTML 1Page - Intersil Corporation HIP4081AIPZ Datasheet HTML 2Page - Intersil Corporation HIP4081AIPZ Datasheet HTML 3Page - Intersil Corporation HIP4081AIPZ Datasheet HTML 4Page - Intersil Corporation HIP4081AIPZ Datasheet HTML 5Page - Intersil Corporation HIP4081AIPZ Datasheet HTML 6Page - Intersil Corporation HIP4081AIPZ Datasheet HTML 7Page - Intersil Corporation HIP4081AIPZ Datasheet HTML 8Page - Intersil Corporation HIP4081AIPZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
HIP4081A
Peak Pulldown Current
IO-VO UT = 12V
1.7
2.4
3.3
1.3
3.6
A
Undervoltage, Rising Threshold
UV+
8.1
8.8
9.4
8.0
9.5
V
Undervoltage, Falling Threshold
UV-
7.6
8.3
8.9
7.5
9.0
V
Undervoltage, Hysteresis
HYS
0.25
0.4
0.65
0.2
0.7
V
Switching Specifications
VDD = VCC = VAHB = VBHB = 12V, VSS = VALS = VBLS = VAHS = VBHS = 0V, RHDEL = RLDEL = 10K,
CL = 1000pF.
PARAMETER
SYMBOL
TEST CONDITIONS
TJ = 25°C
TJS = -40°C
TO 125°C
UNITS
MIN
TYP
MAX
MIN
MAX
Lower Turn-off Propagation Delay
(ALI-ALO, BLI-BLO)
TLPHL
-
30
60
-
80
ns
Upper Turn-off Propagation Delay
(AHI-AHO, BHI-BHO)
THPHL
-
35
70
-
90
ns
Lower Turn-on Propagation Delay
(ALI-ALO, BLI-BLO)
TLPLH
RHDEL = RLDEL = 10K
-
45
70
-
90
ns
Upper Turn-on Propagation Delay
(AHI-AHO, BHI-BHO)
THPLH
RHDEL = RLDEL = 10K
-
60
90
-
110
ns
Rise Time
TR
-
10
25
-
35
ns
Fall Time
TF
-
10
25
-
35
ns
Turn-on Input Pulse Width
TPWIN-ON
RHDEL = RLDEL = 10K
50
-
-
50
-
ns
Turn-off Input Pulse Width
TPWIN-OFF
RHDEL = RLDEL = 10K
40
-
-
40
-
ns
Turn-on Output Pulse Width
TPWOUT-ON
RHDEL = RLDEL = 10K
40
-
-
40
-
ns
Turn-off Output Pulse Width
TPWOUT-OFF
RHDEL = RLDEL = 10K
30
-
-
30
-
ns
Disable Turn-off Propagation Delay
(DIS - Lower Outputs)
TDISLOW
-
45
75
-
95
ns
Disable Turn-off Propagation Delay
(DIS - Upper Outputs)
TDISHIGH
-
55
85
-
105
ns
Disable to Lower Turn-on Propagation Delay
(DIS - ALO and BLO)
TDLPLH
-
40
70
-
90
ns
Refresh Pulse Width (ALO and BLO)
TREF-PW
240
410
550
200
600
ns
Disable to Upper Enable (DIS - AHO and BHO)
TUEN
-
450
620
-
690
ns
TRUTH TABLE
INPUT
OUTPUT
ALI, BLI
AHI, BHI
U/V
DIS
ALO, BLO
AHO, BHO
XXX
1
0
0
1
X
00
10
0
100
01
0
000
00
XX
1
X
0
0
NOTE:
X signifies that input can be either a “1” or “0”.
Electrical Specifications
VDD = VCC = VAHB = VBHB = 12V, VSS = VALS = VBLS = VAHS = VBHS = 0V, RHDEL = RLDEL = 100K and
TA = 25°C, Unless Otherwise Specified (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TJ = 25°C
TJS = -40°C TO
125°C
UNITS
MIN
TYP
MAX
MIN
MAX
HIP4081A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com