전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STW30N20 데이터시트(PDF) 13 Page - STMicroelectronics

부품명 STW30N20
상세설명  N-channel 200V - 0.065 - 30A - TO-220/TO-247/D2PAK Low gate charge STripFET Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW30N20 데이터시트(HTML) 13 Page - STMicroelectronics

Back Button STW30N20 Datasheet HTML 8Page - STMicroelectronics STW30N20 Datasheet HTML 9Page - STMicroelectronics STW30N20 Datasheet HTML 10Page - STMicroelectronics STW30N20 Datasheet HTML 11Page - STMicroelectronics STW30N20 Datasheet HTML 12Page - STMicroelectronics STW30N20 Datasheet HTML 13Page - STMicroelectronics STW30N20 Datasheet HTML 14Page - STMicroelectronics STW30N20 Datasheet HTML 15Page - STMicroelectronics STW30N20 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
STP30NF20 - STW30NF20 - STB30NF20
Package mechanical data
13/16
D²PAK mechanical data
Dim
mm
inch
Min
Typ
Max
Min
Typ
Max
A
4.4
4.6
0.173
0.181
A1
2.49
2.69
0.098
0.106
A2
0.03
0.23
0.001
0.009
B
0.7
0.93
0.027
0.036
B2
1.14
1.7
0.044
0.067
C
0.45
0.6
0.017
0.023
C2
1.23
1.36
0.048
0.053
D
8.95
9.350.352
0.368
D1
8
0.315
E
10
10.4
0.393
0.409
E1
8.5
0.334
G4.88
5.28
0.1920.208
L15
15.85
0.590
0.625
L2
1.27
1.4
0.50
0.55
L3
1.4
1.75
0.055
0.68
M2.4
3.2
0.0940.126
R
0.4
0.015
V2
0°
4°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16