전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AVHF20 데이터시트(PDF) 1 Page - Allied Components International

부품명 AVHF20
상세설명  Axial High Current Chokes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ALLIED [Allied Components International]
홈페이지  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

AVHF20 데이터시트(HTML) 1 Page - Allied Components International

  AVHF20 Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dimensions (In.)
See Table
Features
• Axial Leaded with UL Shrink Tubing
• Single Layer Winding
• Suitable for wave soldering
• For RF Filtering
Pack for Auto replacement.
Electrical
Inductance: 3.0µH Other values
available upon request
Tolerance: 10%
Available in tighter tolerances.
Test Frequency for (L): 1KHz-1V
Operating Temp: -55ºC ± 125ºC
Current Rating: Based on 5% Inductance
drop or 40ºC temp rise. Part temperature
Test Equipment
(L): HP 4284A LCR Meter or equivalent
DCR: HP4263B Current Source and DCR
SRF: HP4191A
IDC: 11021 Current Source & DCR Meter
Physical
Packaging:
1000 per 13” Tape
A
C
D
B
C
AVHF20-3R0M-RC
3.0
151
.12
0.035
.788
.217±.02 2.88±.04
20
Allied
Part
Number
Rated
Current
Max. (A)
Inductance
(
µh)
SRF
Min.
(Typ)
A
(Inches)
DCR
Max.
(
Ω)
B
(Inches)
C
(Inches)
D
AWG
All specifications subject to change without notice.
Axial High Current Chokes
AVHF20
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
09/28/2012
• Available on tape and Reel or Ammo
should not exceed 125ºC Measurements
@ 20ºC.
and Reel.
Meter
Marking: EIA Inductance Code


유사한 부품 번호 - AVHF20

제조업체부품명데이터시트상세설명
logo
CIT Relay & Switch
AVHF216 CIT-AVHF216 Datasheet
352Kb / 6P
Illuminated Pushbutton - 16mm
AVHF216 CIT-AVHF216 Datasheet
369Kb / 10P
Illuminated Pushbutton - 16mm & 19mm
AVHF219 CIT-AVHF219 Datasheet
369Kb / 10P
Illuminated Pushbutton - 16mm & 19mm
AVHF222 CIT-AVHF222 Datasheet
715Kb / 16P
Illuminated Pushbutton - 22, 25, 28 & 30mm
AVHF222 CIT-AVHF222 Datasheet
272Kb / 5P
UL Approved Illuminated Pushbutton
More results

유사한 설명 - AVHF20

제조업체부품명데이터시트상세설명
logo
Frontier Electronics.
11407 FRONTIER-11407 Datasheet
113Kb / 2P
High Current RF Varnished Chokes (Axial Leads)
11411 FRONTIER-11411 Datasheet
113Kb / 2P
High Current RF Varnished Chokes (Axial Leads)
logo
Allied Components Inter...
AHC30-R15M-RC ALLIED-AHC30-R15M-RC Datasheet
769Kb / 1P
Axial High Current Chokes
AHC40-1-500K-RC ALLIED-AHC40-1-500K-RC Datasheet
736Kb / 1P
Axial High Current Chokes
AHC50-3R35M-RC ALLIED-AHC50-3R35M-RC Datasheet
852Kb / 1P
Axial High Current Chokes
logo
Frontier Electronics.
114073R9_-LFR FRONTIER-114073R9_-LFR Datasheet
46Kb / 2P
High Current RF Varnished Chokes (Axial Leads)
114113R9_-LFR FRONTIER-114113R9_-LFR Datasheet
78Kb / 2P
High Current RF Varnished Chokes (Axial Leads)
logo
Allied Components Inter...
AHC30 ALLIED-AHC30 Datasheet
771Kb / 1P
Axial High Current Chokes
AHC40 ALLIED-AHC40 Datasheet
740Kb / 1P
Axial High Current Chokes
AHC50 ALLIED-AHC50 Datasheet
853Kb / 1P
Axial High Current Chokes
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com