전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L7986TR 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 L7986TR
상세설명  3 A step-down switching regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7986TR 데이터시트(HTML) 1 Page - STMicroelectronics

  L7986TR Datasheet HTML 1Page - STMicroelectronics L7986TR Datasheet HTML 2Page - STMicroelectronics L7986TR Datasheet HTML 3Page - STMicroelectronics L7986TR Datasheet HTML 4Page - STMicroelectronics L7986TR Datasheet HTML 5Page - STMicroelectronics L7986TR Datasheet HTML 6Page - STMicroelectronics L7986TR Datasheet HTML 7Page - STMicroelectronics L7986TR Datasheet HTML 8Page - STMicroelectronics L7986TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
This is information on a product in full production.
September 2014
DocID022450 Rev 6
1/43
L7986
3 A step-down switching regulator
Datasheet
- production data
Features
 3 A DC output current
 4.5 V to 38 V input voltage
 Output voltage adjustable from 0.6 V
 250 KHz switching frequency, programmable
up to 1 MHz
 Internal soft-start and enable
 Low dropout operation: 100% duty cycle
 Voltage feed-forward
 Zero load current operation
 Overcurrent and thermal protection
 VFQFPN 3 x 3 - 10L and HSOP8 package
Applications
 Consumer: STB, DVD, DVD recorder, car
audio, LCD TV and monitors
 Industrial: PLD, PLA, FPGA, chargers
 Networking: XDSL, modems, DC-DC modules
 Computer: optical storage, hard disk drive,
printers, audio/graphic cards
 LED driving
Description
The L7986/A is a step-down switching regulator
with a 3.7 A (minimum) current limited embedded
power MOSFET, so it is able to deliver up to 3 A
current to the load depending on the application
conditions. The input voltage can range from
4.5 V to 38 V, while the output voltage can be set
starting from 0.6 V to VIN. Requiring a minimum
set of external components, the device includes
an internal 250 kHz switching frequency oscillator
that can be externally adjusted up to 1 MHz. The
QFN and the HSOP packages with exposed pad
allow reducing the RthJA down to 60 °C/W and 40
°C/W respectively.
Figure 1. Application circuit
VFQFPN10 3 x 3 mm
HSOP8 exp. pad
www.st.com


유사한 부품 번호 - L7986TR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
L7986TA STMICROELECTRONICS-L7986TA Datasheet
784Kb / 43P
3 A step-down switching regulator
16-Oct-2012
More results

유사한 설명 - L7986TR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
L5987 STMICROELECTRONICS-L5987 Datasheet
1Mb / 42P
3 A step-down switching regulator
29-Aug-2008
ST1S40IPUR STMICROELECTRONICS-ST1S40IPUR Datasheet
1Mb / 30P
3 A DC step-down switching regulator
01-Mar-2012
L7986TA STMICROELECTRONICS-L7986TA Datasheet
784Kb / 43P
3 A step-down switching regulator
16-Oct-2012
L7981ATR STMICROELECTRONICS-L7981ATR Datasheet
1Mb / 44P
3 A step-down switching regulator
01-Jul-2010
L7981ATR STMICROELECTRONICS-L7981ATR Datasheet
1Mb / 44P
3 A step-down switching regulator
01-Jul-2010
PM8903 STMICROELECTRONICS-PM8903 Datasheet
2Mb / 34P
3 A step-down monolithic switching regulator
01-Feb-2012
ST1S40 STMICROELECTRONICS-ST1S40 Datasheet
1Mb / 29P
3 A DC step-down switching regulator
10-Oct-2013
ST1S31 STMICROELECTRONICS-ST1S31 Datasheet
1Mb / 35P
3 A DC step-down switching regulator
03-Mar-2016
PM8903A STMICROELECTRONICS-PM8903A Datasheet
2Mb / 33P
3 A step-down monolithic switching regulator
11-Jan-2013
ST1S40 STMICROELECTRONICS-ST1S40_V01 Datasheet
849Kb / 30P
3 A DC step-down switching regulator
28-Aug-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com