전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KBP201GL 데이터시트(PDF) 2 Page - Compact Technology Corp.

부품명 KBP201GL
상세설명  GLASS PASSIVATED BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CTC [Compact Technology Corp.]
홈페이지  http://www.ctc-semicon.com
Logo CTC - Compact Technology Corp.

KBP201GL 데이터시트(HTML) 2 Page - Compact Technology Corp.

  KBP201GL Datasheet HTML 1Page - Compact Technology Corp. KBP201GL Datasheet HTML 2Page - Compact Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Fig.1 DERATING CURVE FOR OUTPUT RECTIFIED CURRENT
Fig.2 TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
Fig.3 TYPICAL PEAK REVERSE CHARACTERISTICS
Fig.4 MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
AMBIENT TEMPERATURE , C
O
PERCENT OF PEAK REVERSE VOLTAGE
NO. OF CYCLES AT 60Hz
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
0
0
1
2
3
150
100
50
0
.01
.1
1.0
10
0.2
0.4
0.6
0.8
1.0
1.2
1.4
10
1.0
0.1
0.01
020
40
60
80
100
120
140
T =25 C
A
O
T =100 C
A
O
100
60
40
20
10
5
2
1
KBP2005GL thru KBP2010GL
2 of 2
KBP20
05GL thru KBP2010GL
Single Half-Sine-Wave
(JEDEC METHOD)
1
5
10
50
100
2
20
0
10
20
30
40
90
80
70
60
50
Single Half-Sine-Wave
(JEDEC METHOD)



Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com