전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DIM500GDM33-TS000 데이터시트(PDF) 7 Page - Dynex Semiconductor

부품명 DIM500GDM33-TS000
상세설명  Dual Switch IGBT Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DYNEX [Dynex Semiconductor]
홈페이지  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DIM500GDM33-TS000 데이터시트(HTML) 7 Page - Dynex Semiconductor

  DIM500GDM33-TS000 Datasheet HTML 1Page - Dynex Semiconductor DIM500GDM33-TS000 Datasheet HTML 2Page - Dynex Semiconductor DIM500GDM33-TS000 Datasheet HTML 3Page - Dynex Semiconductor DIM500GDM33-TS000 Datasheet HTML 4Page - Dynex Semiconductor DIM500GDM33-TS000 Datasheet HTML 5Page - Dynex Semiconductor DIM500GDM33-TS000 Datasheet HTML 6Page - Dynex Semiconductor DIM500GDM33-TS000 Datasheet HTML 7Page - Dynex Semiconductor DIM500GDM33-TS000 Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
DIM500GDM33-TS000
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures
7/8
www.dynexsemi.com
PACKAGE DETAILS
For further package information, please visit our website or contact Customer Services.
All dimensions in mm, unless stated otherwise.
DO NOT SCALE.
Nominal Weight: 1000g
Module Outline Type Code:
G
Fig. 11 Module outline drawing
0.5
57 ±0.25
57 ±0.25
25.5 ±0.2
29.5 ±0.2
43 ±0.2
47 ±0.2
45 ±0.2
29.5 ±0.2
55.2 ±0.3
11.85 ±0.2
29.5 ± 0.5
28.2 ±0.5
4 x M8
6 x M4
screwing depth
max 16
screwing depth
max 8
6 x
7
Ø
130 ±



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com