| 전자부품 데이터시트 검색엔진 |
|
HT6012 데이터시트(PDF) 6 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT6012 데이터시트(HTML) 6 Page - Holtek Semiconductor Inc |
|
6 / 11 page ![]() Functional Description Operation The 312 series of encoders begin with a four (HT6010) or a one (HT6012/HT6014) word transmission cycle upon receipt of a transmission enable (TE for the HT6010 or D8~D11 for the HT6012/HT6014, ac- tive low). This cycle will repeat itself as long as the transmission enable (TE or D8~D11) is held low. Once the transmission enable returns high the encoder output completes its final cycle and then stops as shown below. Information word An information word is composed of four periods as shown: 312 Series of Encoders 6 December 13, 1999 1/ 6 bi t s y n c . per i o d pi l o t p e r i od ( 6 b i t s ) addr es s c ode per i o d dat a c ode per i od Composition of information TE o r D 8~ D 11 1 or 4 w o r ds 1 or 4 wo r d s E n c oder Da t a O u t T r ans m i t t ed C ont i nuo us l y < 1 w o r d Transmission timing |