전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SCS110K 데이터시트(PDF) 2 Page - Intel Corporation

부품명 SCS110K
상세설명  Intel Industrial Solutions System Consolidation Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEL [Intel Corporation]
홈페이지  http://www.intel.com
Logo INTEL - Intel Corporation

SCS110K 데이터시트(HTML) 2 Page - Intel Corporation

  SCS110K Datasheet HTML 1Page - Intel Corporation SCS110K Datasheet HTML 2Page - Intel Corporation SCS110K Datasheet HTML 3Page - Intel Corporation SCS110K Datasheet HTML 4Page - Intel Corporation SCS110K Datasheet HTML 5Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Using a quad-core platform, the Intel®
Industrial Solutions System Consolidation
Series hosts two virtualized RTOSs and one
embedded operating system, supporting
up to four unique workloads on a single
computing system.
Figure 1. Sample Solution Using the Intel® Industrial Solutions System Consolidation Series
Consolidating Industrial Systems
through Virtualization
Some industrial control systems are
designed with multiple boards because
they support varying applications like
a control console, data acquisition,
programmable logic controller (PLC),
motion control, and machine vision—each
with different sets of requirements.
PLC and motion control are time-critical
applications best served by a real-time
operating system (RTOS) that delivers
deterministic performance. In contrast,
developers of control console and data
acquisition applications may prefer an
embedded operating system for general
ease of use.
Figure 1 shows how the Intel Industrial
Solutions System Consolidation Series with
virtualization technology can address all
these requirements. Multicore Intel® Core™
processors with virtualization technology
allow systems to simultaneously run
multiple RTOSs and embedded OSs,
each on dedicated processor cores. This
configuration enables the deterministic
behavior of time-critical applications,
allowing them to run unencumbered by
non-real-time tasks that would otherwise
compete for CPU resources on a non-
virtualized system. Developers can build
systems with applications running on all
the OSs simultaneously or choose to port
applications to only a subset of the OSs
depending on their needs.
Simplifying Virtualization
Technology Adoption
The Intel Industrial Solutions System
Consolidation Series enables OEMs to
unlock new multicore opportunities and
deliver virtualized, real-time systems.
Since the virtualization software
components ship with the kits, developers
do not have to spend time finding the
appropriate software components
and negotiating licensing terms with
all the various software providers.
Pre-integrated, validated, and tested,
the development kit works right out
of the box and eliminates typical high
upfront engineering costs by including
development tools, hypervisor, and
operating systems.1
By providing a significant amount of
pre-integration and validation, the Intel
Industrial Solutions System Consolidation
Series may significantly reduce the
upfront cost and complexity of bringing
consolidated industrial solutions to market,
enabling OEMs to focus on offering
differentiated value right away.1
Command
Console
Wind River Linux* 5.0
Network
Gateway
Machine
Control
Wind River VxWorks*
Edge
Analytics
Wind River VxWorks
Wind River
Hypervisor Layer
Board Support
Package
Intel® Core™ i7 Processor
Core 1
Core 2
Core 3
Core 4
Intel® Industrial Solutions System Consolidation Series



Html Pages

1 2 3 4 5