| 전자부품 데이터시트 검색엔진 |
|
HTG12B0 데이터시트(PDF) 22 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HTG12B0 데이터시트(HTML) 22 Page - Holtek Semiconductor Inc |
|
22 / 33 page ![]() DEC [R3R2] Decrement data memory Machine Code 00001111 Description Data in the data memory specified by the register pair ²R3, R2² is decre- mented by one. Carry flag is not affected. Operation M(R3,R2) ¬ M(R3,R2)-1 DI Disable interrupt Machine Code 00100101 00000011 Description Internal time-out interrupt and external interrupt are disabled. EI Enable interrupt Machine Code 00100101 00000010 Description Internal time-out interrupt and external interrupt are enabled. HALT Halt system clock Machine Code 00110111 00111110 Description Turn off system clock, and enter power down mode. Operation PC ¬ (PC)+1 IN A,Pi Input port to accumulator Machine Code 00101100 PA 01001000 PB 00110010 PM 00110011 PS Description The data on port ²Pi² is transferred to the accumulator. Operation ACC ¬ Pi; Pi=PA, PB, PM or PS INC A Increment accumulator Machine Code 00110001 Description Data in the accumulator is incremented by one. Carry flag is not affected. Operation ACC ¬ ACC+1 INC Rn Increment register Machine Code 0001nnn0 Description Data in the working register ²Rn² is incremented by one. Carry flag is not affected. Operation Rn ¬ Rn+1; Rn=R0,R1,R2,R3,R4 for n=0,1,2,3,4 HTG12B0 22 September 8, 1999 |