전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BY133 데이터시트(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

부품명 BY133
상세설명  SILICON RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
홈페이지  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

BY133 데이터시트(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  BY133 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd BY133 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd BY133 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd BY133 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N0551, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
BY133
1.0 SILICON RECTIFIER
Marking Diagram:
Where XXXXX is YYWWL
BY133
= Part Name
SSG
= SSG
YY
= Year
WW
= Week
L
= Lot Number
Cautions:Molding resin
Epoxy resin UL:94V-0
Ordering Information
Device
Package
Shipping
BY133
DO-41
(Pb-Free)
5000pcs / reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specification.


유사한 부품 번호 - BY133

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
BY133 PANJIT-BY133 Datasheet
51Kb / 2P
PLASTIC SILICON RECTIFIER(VOLTAGE - 1250 to 1600 Volts CURRENT - 1.0 Ampere)
logo
Won-Top Electronics
BY133 WTE-BY133 Datasheet
47Kb / 3P
1.0A SILICON RECTIFIER
logo
Jinan Gude Electronic D...
BY133 JGD-BY133 Datasheet
144Kb / 2P
0.25 TO 0.5 AMP.SILICON RECTIFIERS
logo
Bytes
BY133 BYTES-BY133 Datasheet
151Kb / 2P
1.0 AMP SILICON RECTIFIERS
logo
Shanghai Lunsure Electr...
BY133 CHENYI-BY133 Datasheet
126Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER
More results

유사한 설명 - BY133

제조업체부품명데이터시트상세설명
logo
Zowie Technology Corpor...
1N4001E ZOWIE-1N4001E Datasheet
45Kb / 2P
SILICON RECTIFIER
RL201 ZOWIE-RL201 Datasheet
44Kb / 2P
SILICON RECTIFIER
logo
Rectron Semiconductor
1N4001 RECTRON-1N4001 Datasheet
225Kb / 2P
SILICON RECTIFIER
1N5391 RECTRON-1N5391 Datasheet
22Kb / 2P
SILICON RECTIFIER
logo
Microsemi Corporation
1N647-1 MICROSEMI-1N647-1 Datasheet
86Kb / 1P
SILICON RECTIFIER
1N649-1 MICROSEMI-1N649-1 Datasheet
86Kb / 1P
SILICON RECTIFIER
logo
Chenmko Enterprise Co. ...
RL151PT CHENMKO-RL151PT Datasheet
81Kb / 2P
SILICON RECTIFIER
logo
Solid States Devices, I...
RC0087C SSDI-RC0087C Datasheet
115Kb / 2P
SILICON RECTIFIER
logo
Guangdong Juxing Electr...
1N5400 JUXING-1N5400 Datasheet
5Mb / 2P
SILICON RECTIFIER
logo
New Jersey Semi-Conduct...
IN3569-74 NJSEMI-IN3569-74 Datasheet
56Kb / 1P
Silicon Rectifier
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com