| 전자부품 데이터시트 검색엔진 |
|
AT90PWM2 데이터시트(PDF) 195 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT90PWM2 데이터시트(HTML) 195 Page - ATMEL Corporation |
|
195 / 365 page ![]() 195 4317K–AVR–03/2013 AT90PWM2/3/2B/3B Note: 1. The example code assumes that the part specific header file is included. For I/O Registers located in extended I/O map, “IN”, “OUT”, “SBIS”, “SBIC”, “CBI”, and “SBI” instructions must be replaced with instructions that allow access to extended I/O. Typically “LDS” and “STS” combined with “SBRS”, “SBRC”, “SBR”, and “CBR”. The function simply waits for data to be present in the receive buffer by checking the RXC flag, before reading the buffer and returning the value. 18.7.2 Receiving Frames with 9 Data Bits If 9-bit characters are used (UCSZ=7) the ninth bit must be read from the RXB8 bit in UCSRB before reading the low bits from the UDR. This rule applies to the FE, DOR and UPE Status Flags as well. Read status from UCSRA, then data from UDR. Reading the UDR I/O location will change the state of the receive buffer FIFO and consequently the TXB8, FE, DOR and UPE bits, which all are stored in the FIFO, will change. The following code example shows a simple USART receive function that handles both nine bit characters and the status bits. TABLE 3. Assembly Code Example (1) USART_Receive: ; Wait for data to be received sbis UCSRA, RXC rjmp USART_Receive ; Get and return received data from buffer lds r16, UDR ret C Code Example (1) unsigned char USART_Receive( void ) { /* Wait for data to be received */ while ( !(UCSRA & (1<<RXC)) ) ; /* Get and return received data from buffer */ return UDR; } |