전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MBR1045S 데이터시트(PDF) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

부품명 MBR1045S
상세설명  SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
홈페이지  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

MBR1045S 데이터시트(HTML) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  MBR1045S Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBR1045S Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBR1045S Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBR1045S Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBR1045S Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N0144, Rev. A
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
•
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
MBR1045S
Marking Diagram:
Where XXXXX is YYWWL
10
= Forward Current (10)
45
= Reverse Voltage (45V)
S
= Device Type
YY
= Year
WW
= Week
L
= Lot Number
Cautions:Molding resin
Epoxy resin UL:94V-0
Ordering Information:
Device
Package
Shipping
MBR1045S
TO-277B (Pb-Free)
5000pcs/ reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specification.
Maximum Ratings:
Characteristics
Symbol
Condition
Max.
Units
Peak Inverse Voltage
VRWM
-
45
V
Max. Average Forward
IF(AV)
50% duty cycle @TC =80°C,
rectangular wave form
10
A
Max. Peak One Cycle Non-
Repetitive Surge Current
(per leg)
IFSM
8.3 ms, half Sine pulse
275
A



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com