전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MBR20135CT 데이터시트(PDF) 4 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

부품명 MBR20135CT
상세설명  SCHOTTKY RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
홈페이지  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

MBR20135CT 데이터시트(HTML) 4 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  MBR20135CT Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBR20135CT Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBR20135CT Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBR20135CT Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBR20135CT Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBR20135CT Datasheet HTML 6Page - Sangdest Microelectronic (Nanjing) Co., Ltd MBR20135CT Datasheet HTML 7Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N0625, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
•
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
MBR20135CT/150CT
Marking Diagram:
Where XXXXX is YYWWL
MBR
= Device Type
20
= Forward Current (20A)
135
= Reverse Voltage (135V)
CT
= Configuration
SSG
= SSG
YY
= Year
WW
= Week
L
= Lot Number
Cautions:Molding resin
Epoxy resin UL:94V-0
Ordering Information:
Device
Package
Shipping
MBR20135CT
MBR20150CT
TO-220AB
(Pb-Free)
50pcs / tube
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specification.
Maximum Ratings:
Characteristics
Symbol
Condition
Max.
Units
135
MBR20135CT
Peak Inverse Voltage
VRWM
-
150
MBR20150CT
V
Maximum RMS Voltage
VRMS
-
105
V
10(Per leg)
Max. Average Forward
IF(AV)
50% duty cycle @TC =125℃,
rectangular wave form
20(Per device)
A
Peak Repetitive Surge
current (Rated VR ,
Square Wave,20KHz)
IRRM
-
1.0
A
Max. Peak One Cycle
Non-Repetitive Surge
Current
(per leg)
IFSM
8.3 ms, half Sine pulse
150
A



Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com