전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FLI5962H 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 FLI5962H
상세설명  Multi-function LCD monitor controllers up to WUXGA
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FLI5962H 데이터시트(HTML) 3 Page - STMicroelectronics

  FLI5962H Datasheet HTML 1Page - STMicroelectronics FLI5962H Datasheet HTML 2Page - STMicroelectronics FLI5962H Datasheet HTML 3Page - STMicroelectronics FLI5962H Datasheet HTML 4Page - STMicroelectronics FLI5962H Datasheet HTML 5Page - STMicroelectronics FLI5962H Datasheet HTML 6Page - STMicroelectronics FLI5962H Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
FLI5962, FLI5962H, FLI5968H, FLI5928H
Feature attributes
Doc ID 15018 Rev 2
3/7
2
Feature attributes
Dual analog input
Operation up to 205 MHz
Dual RGB inputs
Single RGB and single YPbPr up to 1080i inputs
Bi-level and tri-level analog sync support and Macrovision™ support
Dual HSYNC, VSYNC, and SOG inputs
Ultra-Reliable DVI/HDMI 1.1 input
HDMI 1.1, DVI 1.0, and HDCP 1.1—operates up to 165 MHz
Receives and outputs 2 to 8 channels of digital audio up to 192 KHz. Four
programmable I2S and one SPDIF output
Digital video input
ITU656 video input support for commercially available video decoder
ITU601 (16-bit) video input support for external MPEG2 decoder, DVI Rx, and
ADC
High quality advanced scaling engine
Independent and programmable horizontal and vertical scaling factors
Panoramic scaling (non-linear)
Variable sharpness settings
Picture-in-Picture (PIP)
Variable PIP window size up to 640 x 480
Video PIP on Graphics or Graphics PIP on Video
Independent PIP window color controls
Frame rate conversion
16-bit/32-bit data path to support single or dual 1Mx16 SDR SDRAM
Full frame rate conversion up to SXGA 75 Hz
Faroudja video processing and color control
MADi for SDTV
Inverse 3:2/ 2:2 pull down for film mode detection for SDTV
DCDi Edge processing for SDTV
Temporal Noise Reduction (TNR) up to 720p
Cross color reduction
Faroudja TrueLife horizontal enhancement
ACC, ACM-II, and ACM-3D
Response time compensation
Compensates motion blur that results from slow response time of LCD panels—
resulting in motion image that is clean and crisp
OSD controller
Up to 4 windows
1, 2, or 4-bits per pixel color
Blinking, transparency, blending, and proportional fonts support



Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com