전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PS2707 데이터시트(PDF) 5 Page - NEC

부품명 PS2707
상세설명  AC INPUT RESPONSE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER SERIES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEC [NEC]
홈페이지  http://www.nec.com/
Logo NEC - NEC

PS2707 데이터시트(HTML) 5 Page - NEC

  PS2707 Datasheet HTML 1Page - NEC PS2707 Datasheet HTML 2Page - NEC PS2707 Datasheet HTML 3Page - NEC PS2707 Datasheet HTML 4Page - NEC PS2707 Datasheet HTML 5Page - NEC PS2707 Datasheet HTML 6Page - NEC PS2707 Datasheet HTML 7Page - NEC PS2707 Datasheet HTML 8Page - NEC PS2707 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Data Sheet P11311EJ5V0DS00
5
PS2707-1,PS2707-2,PS2707-4
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise specified)
100
50
25
0
75
25
50
75
100
Ambient Temperature TA (˚C)
DIODE POWER DISSIPATION vs.
AMBIENT TEMPERATURE
200
150
100
50
0
25
50
75
100
Ambient Temperature TA (˚C)
TRANSISTOR POWER DISSIPATION vs.
AMBIENT TEMPERATURE
PS2707-1
1.5 mW/˚C
PS2707-2,
PS2707-4
1.2 mW/˚C
100
0.1
1
0.01
10
0.6
1.0
1.4
1.6
0.8
1.2
Forward Voltage VF (V)
FORWARD CURRENT vs.
FORWARD VOLTAGE
+25 ˚C
0 ˚C
–25 ˚C
–55 ˚C
TA = +100 ˚C
+75 ˚C
+50 ˚C
FORWARD CURRENT vs.
FORWARD VOLTAGE
Forward Voltage VF (V)
80
60
40
20
0
–40
–60
–80
–20
–1.2
0
0.4
1.2
1.6
–1.6
–0.8 –0.4
0.8
50 000
0.1
500
5 000
10
10 000
1 000
100
50
5
1
0.5
–60
0
40
80
–40
–20
20
60
100
Ambient Temperature TA (˚C)
COLLECTOR TO EMITTER DARK
CURRENT vs. AMBIENT TEMPERATURE
VCE = 40 V
24 V
10 V
10
0.1
0.5
5
1
0.2
0.6
1.0
0.0
0.4
0.8
Collector Saturation Voltage VCE (sat) (V)
COLLECTOR CURRENT vs.
COLLECTOR SATURATION VOLTAGE
IF = 25 mA
1.5 mA
1 mA
0.5 mA
10 mA
5 mA
2.5 mA
2 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com