전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LSC4110-SF 데이터시트(PDF) 6 Page - Agilent(Hewlett-Packard)

부품명 LSC4110-SF
상세설명  1 mW 14 Pin DIL Cooled Laser Modules
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HP [Agilent(Hewlett-Packard)]
홈페이지  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

LSC4110-SF 데이터시트(HTML) 6 Page - Agilent(Hewlett-Packard)

  LSC4110-SF Datasheet HTML 1Page - Agilent(Hewlett-Packard) LSC4110-SF Datasheet HTML 2Page - Agilent(Hewlett-Packard) LSC4110-SF Datasheet HTML 3Page - Agilent(Hewlett-Packard) LSC4110-SF Datasheet HTML 4Page - Agilent(Hewlett-Packard) LSC4110-SF Datasheet HTML 5Page - Agilent(Hewlett-Packard) LSC4110-SF Datasheet HTML 6Page - Agilent(Hewlett-Packard) LSC4110-SF Datasheet HTML 7Page - Agilent(Hewlett-Packard) LSC4110-SF Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
465
R
G
E
D
B
FIBER PIGTAIL
A
P
T
M
F
∅U
J
C
K L
S
∅N
∅H
DIM.
MIN.
MAX.
A
B
C
D
E
F
G
∅H
J
20.68
0.90
12.55
8.51
6.10
7.62 NOM.
2.54 NOM.
0.457 NOM.
7.01
20.98
1.10
13.00
9.60
6.60
7.21
ALL DIMENSIONS IN MILLIMETERS
DIM.
MIN.
MAX.
K
L
M
∅N
P
R
S
T
∅U
19.05 NOM.
25.10
30.00 NOM.
–
1000
5.80
6.00 NOM.
–
3.17 NOM.
25.70
4.20
–
6.20
6.00
LSC2110 Mechanical Outline



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com