전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ATA8210 데이터시트(PDF) 2 Page - ATMEL Corporation

부품명 ATA8210
상세설명  UHF ASK/FSK Receiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA8210 데이터시트(HTML) 2 Page - ATMEL Corporation

  ATA8210_14 Datasheet HTML 1Page - ATMEL Corporation ATA8210_14 Datasheet HTML 2Page - ATMEL Corporation ATA8210_14 Datasheet HTML 3Page - ATMEL Corporation ATA8210_14 Datasheet HTML 4Page - ATMEL Corporation ATA8210_14 Datasheet HTML 5Page - ATMEL Corporation ATA8210_14 Datasheet HTML 6Page - ATMEL Corporation ATA8210_14 Datasheet HTML 7Page - ATMEL Corporation ATA8210_14 Datasheet HTML 8Page - ATMEL Corporation ATA8210_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ATA8210/ATA8215 [SUMMARY DATASHEET]
9344CS–INDCO–09/14
2
Supports pattern-based wake-up and start of frame identification
Flexible service configuration concept with on-the-fly (OTF) modification (in IDLEMode) of SRAM service parameters
(data rate, …)
Each service consists of
One service-specific configuration part
Three channel-specific configuration parts
Three service configurations are located in EEPROM
Two service configurations are located in SRAM and can be modified via SPI or embedded application
software
Digital RSSI with very high relative accuracy of ±1dB thanks to digitized IF processing
Programmable clock output derived from crystal frequency
1024byte EEPROM data memory for receiver configuration
SPI interface for Rx data access and receiver configuration
500Kbit SPI data rate for short periods on SPI bus and host controller
On demand services (SPI or API) without polling or telegram reception
Integrated temperature sensor
Self check and calibration with temperature measurement
Configurable EVENT signal indicates the status of the IC to an external microcontroller
Automatic low-power channel polling
Flexible polling configuration concerning timing, order and participating channels
Fast reaction time
Power-up (typical 1.5ms, OFFMode -> RXMode)
Supports mixed ASK/FSK telegrams
Non-byte aligned data reception
Software customization
Antenna diversity with external switch via GPIO control
Antenna diversity with internal SPDT switch
Supply voltage range 1.9V to 3.6V
Temperature range –40°C to +85°C
ESD protection at all pins (±4kV HBM, ±200V MM, ±750V FCDM)
Small 5
×5mm QFN32 package/pitch 0.5mm
Suitable for applications governed by EN 300 220 and FCC part 15, title 47
Typical Applications
Remote control systems, e.g., garage door openers
Smart RF applications
Telemetering systems
Wireless alarm and security systems
Home and building automation
Weather stations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com