| 전자부품 데이터시트 검색엔진 |
|
PS8601 데이터시트(PDF) 7 Page - NEC |
|
|
|||||||||||||||||||||||||||||
PS8601 데이터시트(HTML) 7 Page - NEC |
|
7 / 10 page ![]() 7 PS8601, PS8601L TAPING 1. TAPING DIRECTION PS8601L-E3 2. OUTLINE AND DIMENSIONS (TAPE) Unit: mm SYMBOL RATINGS A 10.7 0.1 B 10.3 0.1 D0 1.55 0.1 D1 1.55 0.1 E 1.75 0.1 F 7.5 0.1 P0 4.0 0.1 P1 12.0 0.1 P2 2.0 0.1 T0 4.3 0.2 T1 0.3 W 16 0.3 3. OUTLINE AND DIMENSIONS (REEL) Unit: mm SYMBOL RATINGS A 330 N 80 5.0 W 16.4 4. PACKING; 1000 pieces/reel P0 P2 D0 D1 P1 A T0 T1 2 ± 0.5 18.0 ± 0.5 21 ± 0.8 R1.0 W φ φ 2 ± 0.5 18.0 ± 0.5 21 ± 0.8 R1.0 W φ φ +2.0 0 |