전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HJ112 데이터시트(PDF) 3 Page - Hi-Sincerity Mocroelectronics

부품명 HJ112
상세설명  NPN EPITAXIAL PLANAR TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HSMC [Hi-Sincerity Mocroelectronics]
홈페이지  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HJ112 데이터시트(HTML) 3 Page - Hi-Sincerity Mocroelectronics

  HJ112 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HJ112 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HJ112 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics HJ112 Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6030
Issued Date : 1998.07.01
Revised Date : 2002.08.13
Page No. : 3/4
HJ112
HSMC Product Specification
ON Voltage & Collcetor Current
100
1000
10000
100
1000
10000
Collector Current IC (mA)
VBE(ON) @ VCE=3V
25
oC
75
oC
125
oC
Switching Time & Collector Current
0.1
1
10
110
Collector Current (A)
VCC=30V, IC=250IB1=-250IB2
Tstg
Tf
Ton
Capacitance & Reverse-Biased Voltage
10
100
1000
0.1
1
10
100
Reverse-Biased Voltage (V)
Cob
Safe Operating Area
1
10
100
1000
10000
1
10
100
1000
Forward Voltage (V)
PT=1ms
PT=100ms
PT=1s
PD - Tc
0
5
10
15
20
25
0
50
100
150
200
Temperature-Tc (
oC)



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com