전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AFK0608SS6 데이터시트(PDF) 2 Page - List of Unclassifed Manufacturers

부품명 AFK0608SS6
상세설명  Mounting Bracket Kits
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

AFK0608SS6 데이터시트(HTML) 2 Page - List of Unclassifed Manufacturers

  AFK0608SS6 Datasheet HTML 1Page - List of Unclassifed Manufacturers AFK0608SS6 Datasheet HTML 2Page - List of Unclassifed Manufacturers AFK0608SS6 Datasheet HTML 3Page - List of Unclassifed Manufacturers AFK0608SS6 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Spec-00484 J
Mounting Accessories Mounting Kits
PH 763.422.2211 • FAX 763.422.2600 • HOFFMANONLINE.COM
EQUIPMENT PROTECTION
Accessories
2
BottoM suPPort kit
Bolt-in bottom support plate with mountng hardware. Coated with
ANSI 61 gray polyester powder paint. Required when installing
Hoffman floor stands or casters on A17 fiberglass free-standing
enclosures.
Bulletin: A17Y
Catalog Number
Use With
A17SUPPORT1
A17 One-Door Fiberglass Enclosures
A17SUPPORT2
A17 Two-Door Fiberglass Enclosures
unistrut Mounting kit
Bolt-in internal unistrut channel (8 pieces) with mounting hardware.
Required to install Hoffman unistrut-mounted free-stand panels
and accessories in two-door A17 fiberglass enclosures. Hoffman
A17SUPPORT2 plate must also be installed to secure unistrut.
Bulletin: A17Y
Catalog Number
Use With
A17UNISTRUT
A17 Two-Door Fiberglass Enclosures
encLosure stABiLizers
Helps prevent injury to workers by stabilizing floor-mount
enclosures which are not bolted down. To install, slip the stabilizer
under the floor stand and tighten two thumb screws. Made from .19-
in. (5-mm) steel plate. Bright orange finish.
Bulletin: A80
Catalog Number
Description
AENST
Two stabilizers



Html Pages

1 2 3 4